Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54C Datasheet(PDF) 4 Page - ON Semiconductor

Part # BAT54C
Description  BAT54 / BAT54A / BAT54C / BAT54S — Schottky Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAT54C Datasheet(HTML) 4 Page - ON Semiconductor

  BAT54C Datasheet HTML 1Page - ON Semiconductor BAT54C Datasheet HTML 2Page - ON Semiconductor BAT54C Datasheet HTML 3Page - ON Semiconductor BAT54C Datasheet HTML 4Page - ON Semiconductor BAT54C Datasheet HTML 5Page - ON Semiconductor BAT54C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© 1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BAT54 / BAT54A / BAT54C / BAT54S Rev. 2.3
3
Typical Performance Characteristics
Figure 1. Forward Current vs. Forward Voltage
Figure 2. Reverse Current vs. Reverse Voltage
Figure 3. Total Capacitance vs. Reverse Voltage
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
100
oC
75
oC
25
oC
-25
oC
V
F-Forward Voltage [V]
0
5
10
15
20
25
30
1E-5
1E-4
1E-3
0.01
0.1
1
10
100
1000
T
A
=125
oC
T
A
=100
oC
T
A
=75
oC
T
A
=25
oC
T
A
=-25
oC
Reverse Voltage, V
R
[V]
012
34567
89
10
2
4
6
8
10
12
14
16
V
R-Reverse Voltage [V]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com