Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLDS20J Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # PLDS20J
Description  20A, 600V Low VF Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

PLDS20J Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  PLDS20J Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd PLDS20J Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd PLDS20J Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd PLDS20J Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd PLDS20J Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PLDS20J
Taiwan Semiconductor
1
Version: C2502
20A, 600V Low VF Surface Mount Rectifier
FEATURES
● Lead for automated placement
● Low forward voltage drop
● High surge current capability
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free
APPLICATIONS
● Switching mode power supply (SMPS)
● General purpose
● On board charger
● Totem-pole PFC
MECHANICAL DATA
● Case: D2PAK-D
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: As marked
● Weight: 1.41g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
20
A
VRRM
600
V
IFSM
390
A
TJ MAX
175
°C
Package
D2PAK-D
D2PAK-D
ABSOLUTE MAXIMUM RATINGS (T
A
= 25°C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Repetitive peak reverse voltage
VRRM
600
V
Reverse voltage, total rms value
VR(RMS)
420
V
Forward current
IF
20
A
Surge peak forward current single half
sine-wave superimposed on rated load
t = 8.3ms
IFSM
390
A
t = 1.0ms
900
Junction temperature
TJ
-55 to +175
°C
Storage temperature
TSTG
-55 to +175
°C


Similar Part No. - PLDS20J

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
PLDS20JH TSC-PLDS20JH Datasheet
469Kb / 5P
20A, 600V Low VF Surface Mount Rectifier
Version: C2502
More results

Similar Description - PLDS20J

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SBP20L40CT DYELEC-SBP20L40CT Datasheet
3Mb / 5P
20A LOW VF SCHOTTKY RECTIFIER
SBP20L45CT DYELEC-SBP20L45CT Datasheet
2Mb / 5P
20A LOW VF SCHOTTKY RECTIFIER
SBP20L60CT DYELEC-SBP20L60CT Datasheet
2Mb / 5P
20A LOW VF SCHOTTKY RECTIFIER
SBP20V40CT DYELEC-SBP20V40CT Datasheet
2Mb / 5P
20A LOW VF SCHOTTKY RECTIFIER
SBP20V45CT DYELEC-SBP20V45CT Datasheet
2Mb / 5P
20A LOW VF SCHOTTKY RECTIFIER
SBP20V45P DYELEC-SBP20V45P Datasheet
1Mb / 4P
20A LOW VF SCHOTTKY RECTIFIER
SBT20L100CT DYELEC-SBT20L100CT Datasheet
1Mb / 5P
20A LOW VF SCHOTTKY RECTIFIER
SBT20L120CT DYELEC-SBT20L120CT Datasheet
2Mb / 5P
20A LOW VF SCHOTTKY RECTIFIER
SBT20L200CT DYELEC-SBT20L200CT Datasheet
2Mb / 5P
20A LOW VF SCHOTTKY RECTIFIER
SBT20100CT DYELEC-SBT20100CT Datasheet
1Mb / 5P
20A LOW VF SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com