Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0652C Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # 0652C
Description  5x20mm Time-lag, low breaking capacity, glass tube body cartridge fuse designed, approved and refer to IEC 60127-2, standard sheet 3.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0652C Datasheet(HTML) 4 Page - Bel Fuse Inc.

  0652C Datasheet HTML 1Page - Bel Fuse Inc. 0652C Datasheet HTML 2Page - Bel Fuse Inc. 0652C Datasheet HTML 3Page - Bel Fuse Inc. 0652C Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type 0652C/0652P
4 / 4
Bel Fuse Inc.
300 Executive Drive, Suite 300,
West Orange, NJ 07052 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2024 Bel Fuse, Inc.
0652x Sep2024_1.2R
Fuse FGNO Explanation
0652X [XXXX]-XX
0652C/P=0652C/P; [XXXX]=Ampere Rating; XX=See Ordering Information as below
Milliamps
Bel FGNO[XXXX]
Amps
Bel FGNO[XXXX]
Amps
Bel FGNO[XXXX]
500
0500
1.6
1600
5
5000
630
0630
2
2000
6.3
6300
800
0800
2.5
2500
8
8000
1
1000
3.15
3150
10
9100
1.25
1250
4
4000
12.5
9125
Mechanical Dimensions
Ordering Information
*Ratings 6.3A and less have 0.032''±
0.002″ diameter lead, Lead length 1.5 ''±0.08″.
*Ratings 8A and above have 0.039''±
0.002″ diameter lead, Lead length 1.5 ''±0.08″.
Packaging
Packaging Option
Packaging Specification
Quantity
Packaging Code
Inside Tape Spacing
Bulk (Cartridge version)
N/A
1000
11
N/A
Bulk (Axial Pigtail version)
N/A
500
13
N/A
Tape & Reel
N/A
1500
16
10mm Pitch and 63mm
Specifications subject to change without notice
0652 X XXXX – XX
FUSE TYPE
0652= 0652 Series
Mounting Tab Style
C = For Cartridge Version
P = For Axial Pigtail Version
AMPERE RATING
Refer to fuse FGNO explanation table
PACKAGING& QUANTITY CODE
11 = Bulk 1000/box, For cartridge version
13 = Bulk 500/box, For axial pigtail standard length
16 = 1500/box Tape & Reel (pigtail version)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com