Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3AG 3-R Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 3AG 3-R
Description  Fast Blow Fuse Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

3AG 3-R Datasheet(HTML) 1 Page - Bel Fuse Inc.

  3AG 3-R Datasheet HTML 1Page - Bel Fuse Inc. 3AG 3-R Datasheet HTML 2Page - Bel Fuse Inc. 3AG 3-R Datasheet HTML 3Page - Bel Fuse Inc. 3AG 3-R Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type 3AG
Fast Blow Fuse Series
belfuse.com/circuit-protection
3AG Series, 6x32mm Glass Tube Fast Blow Fuse
RoHS Compliant
Description
6x32mm Fast Blow, glass tube body cartridge fuse designed, approved and complied
with UL and CSA standard 248-14.
Features
- Meet UL and CSA standard 248-14
- Wide operating temperature range
- Bulk packing available
- Full compliance with EU Directive 2011/65/EU and amending directive 2015/863
- Halogen Free
- Lead Free
Applications
Provide individual protection for components or internal circuits.
- Power supplies
- Battery charger
- Monitor
LEAD FREE =
- Adapter
HALOGEN FREE =
Physical Specifications
Electrical Characteristics (UL/CSA STD.248-14)
Safety Agency Approvals
Testing
Current
Blow Time
Minimum
Maximum
100%
4 hrs.
N/A
135%
N/A
1 hr.
200%
N/A
5 sec
Materials
Body : Glass
Cap : Nickel Plated Brass Caps
Leads : Matte Tin Plated Copper
Marking
On Fuse :
“bel”, "3AG”, "Current Rating”, “Voltage Rating”,
”Appropriate Safety Logos”, ”
 ”( RoHS compliant)
On Label :
"bel", "
3AG”, "Current Rating", "Voltage Rating", "Interrupting Rating",
"Appropriate Safety Logos" and "
", "
"(China RoHS compliant).
Safety
Agency
Safety Agency
Certificate
Ampere Rating/
Voltage Rating
Ampere Range / Volt
@ I.R. ability*
E506667
500mA
–10A/
250V AC
12A-15A/
125V AC
500mA-10A/250V AC@200A
500mA-15A/125V AC@10,000A
LR39772
*I.R.= Interrupting Rating = Short Circuit Rating(Amps)
Specifications subject to change without notice


Similar Part No. - 3AG 3-R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
3AG LITTELFUSE-3AG Datasheet
95Kb / 1P
Axial Lead and Cartridge Fuses - Glass Body
logo
Bel Fuse Inc.
3AG BEL-3AG Datasheet
402Kb / 2P
Fast Blow Fuse Series
3AG BEL-3AG Datasheet
1Mb / 4P
Fast Blow Fuse Series
logo
Visual Communications C...
3AG VCC-3AG Datasheet
40Kb / 1P
Neon Circuit Component Lamps
logo
Bel Fuse Inc.
3AG BEL-3AG Datasheet
1Mb / 4P
FAST BLOW FUSE SERIES
More results

Similar Description - 3AG 3-R

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
5MF BEL-5MF Datasheet
94Kb / 2P
Fast Blow Fuse Series
8AG BEL-8AG Datasheet
84Kb / 2P
Fast Blow Fuse Series
3AB BEL-3AB Datasheet
96Kb / 2P
Fast Blow Fuse Series
3AG BEL-3AG Datasheet
402Kb / 2P
Fast Blow Fuse Series
0601-0100-33 BEL-0601-0100-33 Datasheet
89Kb / 2P
Fast Blow Fuse Series
3AB BEL-3AB_13 Datasheet
1Mb / 4P
Fast Blow Fuse Series
5MF BEL-5MF_13 Datasheet
1Mb / 4P
FAST BLOW FUSE SERIES
3AG BEL-3AG_13 Datasheet
1Mb / 4P
Fast Blow Fuse Series
3AB BEL-3AB_17 Datasheet
1Mb / 4P
FAST BLOW FUSE SERIES
5MF BEL-5MF_16 Datasheet
1Mb / 4P
FAST BLOW FUSE SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com