Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5HT 1-R Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 5HT 1-R
Description  Time-lag Fuse Series (High -Breaking Capacity)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

5HT 1-R Datasheet(HTML) 1 Page - Bel Fuse Inc.

  5HT 1-R Datasheet HTML 1Page - Bel Fuse Inc. 5HT 1-R Datasheet HTML 2Page - Bel Fuse Inc. 5HT 1-R Datasheet HTML 3Page - Bel Fuse Inc. 5HT 1-R Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type 5HT / 5HTP
Time-lag Fuse Series (High -Breaking Capacity)
belfuse.com/circuit-protection
5HT/5HTP Series, 5x20mm Ceramic Tube Time-Lag Fuse
RoHS Compliant
Description
5x20mm Time-Lag surge withstand, high breaking capacity, ceramic body cartridge
fuse designed, approved and complied with IEC 60127-2,standard sheet 5.
Features
- High breaking capacity (250V ac @1500A)
- Meet IEC standard 60127-2, sheet 5
- Wide operating temperature range
- Bulk and Tape & Reel packing available
- Full compliance with EU Directive 2011/65/EU and amending directive 2015/863
- Halogen Free
- Lead Free
Applications
Provide individual protection for components or internal circuits.
- Power supplies
- Battery charger
- Monitor
LEAD FREE =
- Adapter
HALOGEN FREE =
Physical Specifications
Electrical Characteristics (IEC-127-2 STANDARD SHEET 5) Safety Agency Approvals
Rated Current
1.5 In 2.1 In
2.75 In
4 In
10 In
MIN MAX MIN MAX MIN MAX MIN MAX
250mA to 3.15A
1
30
1
80
95
5
10
100
4A to above
1
30
1
80
150
5
20
100
hr.
min.
sec
sec
ms
sec
ms
ms
In clause 9.2, the test voltage for 5HTP ratings from 1A to 6.3A
is 63VDC.
Materials
Body : Ceramic
Cap : Nickel Plated Brass Caps
Leads : Matte Tin Plated Copper
Marking
On Fuse :
“bel”, ”T”, ”Current Rating”, “H”,”250V”,
”Appropriate Safety Logos”, ”
 ”( RoHS compliant)
On Label :
"bel", "5HT
”or”5HTP",”T”, "Current Rating", ”H”, "Voltage Rating", "Interrupting
Rating","Appropriate Safety Logos" and "
", "
"(China RoHS
compliant).
Safety
Agency
Safety Agency
Certificate
Ampere Rating/
Voltage Rating
Ampere Range / Volt
@ I.R. ability*
40000505
250mA-10A
/250V AC
1A-10A/250V AC@1
ˌ500A
E506667
250mA-
10A/250V AC@1ˌ500A
LR39772
250mA-
10A/250V AC@1ˌ500A
Self-declaration No:
2020970207000127
250mA-10A/250V AC@1
ˌ500A
*I.R.= Interrupting Rating = Short Circuit Rating(Amps)
Specifications subject to change without notice


Similar Part No. - 5HT 1-R

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
5HT BEL-5HT Datasheet
98Kb / 2P
Time-lag Fuse Series (High - Breaking Capacity)
logo
TOKO, Inc
5HT TOKO-5HT Datasheet
164Kb / 2P
Radial Type Helical Filters
logo
Bel Fuse Inc.
5HT BEL-5HT Datasheet
1Mb / 4P
Time-lag Fuse Series
logo
Bivar, Inc.
5HT BIVAR-5HT Datasheet
452Kb / 4P
STD PANEL MOUNT INDICATORS
12/20/05
logo
TOKO, Inc
5HT-101045F-1010 TOKO-5HT-101045F-1010 Datasheet
164Kb / 2P
Radial Type Helical Filters
More results

Similar Description - 5HT 1-R

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
5ET BEL-5ET Datasheet
92Kb / 2P
Time-lag Fuse Series (High Surge-proof , Enhanced-breaking Capacity)
5HT BEL-5HT Datasheet
98Kb / 2P
Time-lag Fuse Series (High - Breaking Capacity)
5ST BEL-5ST Datasheet
99Kb / 2P
Time-lag Fuse Series (Low Breaking Capacity)
5VT BEL-5VT Datasheet
93Kb / 2P
Time-lag Fuse Series (High Surge-proof, Low-breaking Capacity)
5ET BEL-5ET_13 Datasheet
1Mb / 4P
TIME-LAG FUSE SERIES(HIGH SURGE-PROOF,ENHANCED-BREAKING CAPACITY)
5HT BEL-5HT_13 Datasheet
1Mb / 4P
TIME-LAG FUSE SERIES (HIGH - BREAKING CAPACITY)
5ST BEL-5ST Datasheet
1Mb / 4P
TIME-LAG FUSE SERIES(LOW BREAKING CAPACITY)
5VT BEL-5VT_13 Datasheet
1Mb / 4P
Time-lag Fuse Series (High Surge-proof, Low-breaking Capacity)
0659C BEL-0659C Datasheet
2Mb / 4P
Time - lag Fuse Series (High-Breaking Capacity)
0659C1000-XX BEL-0659C1000-XX Datasheet
619Kb / 4P
Type 0659C / 0659P Time-lag Fuse Series (High -Breaking Capacity)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com