Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5HT 4-R Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # 5HT 4-R
Description  Time-lag Fuse Series (High -Breaking Capacity)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

5HT 4-R Datasheet(HTML) 4 Page - Bel Fuse Inc.

  5HT 4-R Datasheet HTML 1Page - Bel Fuse Inc. 5HT 4-R Datasheet HTML 2Page - Bel Fuse Inc. 5HT 4-R Datasheet HTML 3Page - Bel Fuse Inc. 5HT 4-R Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type 5HT / 5HTP
4 / 4
Bel Fuse Inc.
300 Executive Drive, Suite 300,
West Orange, NJ 07052 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2025 Bel Fuse, Inc.
Rev. 5HT Feb2025
Fuse FGNO Explanation
0659 R [XXXX] -XX
0659R=5HT/5HTP; [XXXX]=Ampere Rating; XX=See Ordering Information as below
Mechanical Dimensions
Ordering Information
*Ratings 6.3A and less have 0.032''±0.002'' diameter lead;
*Ratings 8A and above have 0.039''±0.002'' diameter lead.
Packaging
Packaging Option
Packaging Specification
Quantity
Packaging Code
Inside Tape Spacing
Bulk
N/A
1000
12
N/A
Bulk (Pigtail Type)
N/A
500
13
N/A
Tape & Reel
EIA-296-F
1500
16
10mm Pitch and 63mm
Fraction
Decimal
Milliamps
Bel FGNO[XXXX]
1/4
0.250
250
0250
.315
315
0315
4/10
.400
400
0400
1/2
.500
500
0500
.630
630
0630
8/10
.800
800
0800
Fraction
Decimal
Amps
Bel FGNO[XXXX]
1.0
1
1000
1-1/4
1.25
1.25
1250
1.60
1.6
1600
2.0
2
2000
2-1/2
2.5
2.5
2500
3.15
3.15
3150
4.0
4
4000
5.0
5
5000
6.3
6.3
6300
8.0
8
8000
10
9100
Specifications subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com