Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5HT 10-R Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 5HT 10-R
Description  Time-lag Fuse Series (High -Breaking Capacity)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

5HT 10-R Datasheet(HTML) 2 Page - Bel Fuse Inc.

  5HT 10-R Datasheet HTML 1Page - Bel Fuse Inc. 5HT 10-R Datasheet HTML 2Page - Bel Fuse Inc. 5HT 10-R Datasheet HTML 3Page - Bel Fuse Inc. 5HT 10-R Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type 5HT / 5HTP
2 / 4
Bel Fuse Inc.
300 Executive Drive, Suite 300,
West Orange, NJ 07052 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2025 Bel Fuse, Inc.
Rev. 5HT Feb2025
Environmental Specifications
Shock Resistance
MIL-STD-202G, Method 213B, Test Condition 1
(100 G's peak for 6 milliseconds; Sawtooth waveform)
Vibration Resistance
MIL-STD-202G, Method 201A (10-55 Hz, 0.06 inch, total excursion).
Salt Spray Resistance
MIL-STD-202G, Method 101E, Test Condition B (48 hrs).
Insulation Resistance
MIL-STD-202G, Method 302, Test Condition B
(After Opening) 100,000 ohms minimum.
Solderability
MIL-STD-202G, Method 208H
Resistance to solder Heat
MIL-STD-202G, Method 210F, Test Condition B. (260+/-5
℃,10+/-1 sec)
Thermal Shock
MIL-STD-202G, Method 107G, Test Condition B (-65
℃ to +125℃).
Operating Temperature
-55
℃ to +125℃
Terminal Strength
IEC-68-2-21
Electrical Specifications
Catalog Number
Ampere
Rating
Typical Cold
Resistance
(ohms)
Volt-drop
@100%In
(Volt) max.
Voltage and
Interrupting
Ratings
Melting I²T
<10 mSec
(A²Sec)
Melting I²T
@10 In
(A²Sec)
Maximum
Power
Dissipation
(W)
Agency Approvals
5HT(P) 250-R
250mA
3.41
1.16
See Table of
Safety
Approvals on
Page 1 for
Voltage and
associated
Interrupting
Ratings
0.10
0.12
0.34
Y
Y
Y
5HT(P) 315-R
315mA
2.08
0.90
0.18
0.22
0.38
Y
Y
Y
5HT(P) 400-R
400mA
1.47
0.73
0.28
0.34
0.41
Y
Y
Y
5HT(P) 500-R
500mA
1.03
0.66
0.46
0.58
0.48
Y
Y
Y
5HT(P) 630-R
630mA
0.63
0.51
0.70
0.90
0.55
Y
Y
Y
5HT(P) 800-R
800mA
0.39
0.40
1.1
1.5
0.64
Y
Y
Y
5HT(P) 1-R
1A
0.20
0.25
1.7
1.7
0.73
Y
Y
Y
Y
5HT(P) 1.25-R
1.25A
0.14
0.24
3
3
0.81
Y
Y
Y
Y
5HT(P) 1.6-R
1.6A
0.095
0.19
5
6
0.91
Y
Y
Y
Y
5HT(P) 2-R
2A
0.069
0.18
10
11
1.00
Y
Y
Y
Y
5HT(P) 2.5-R
2.5A
0.047
0.16
17
20
1.10
Y
Y
Y
Y
5HT(P) 3.15-R
3.15A
0.031
0.13
31
38
1.20
Y
Y
Y
Y
5HT(P) 4-R
4A
0.020
0.10
56
69
1.40
Y
Y
Y
Y
5HT(P) 5-R
5A
0.015
0.10
101
128
1.50
Y
Y
Y
Y
5HT(P) 6.3-R
6.3A
0.012
0.10
181
237
1.70
Y
Y
Y
Y
5HT(P) 8-R
8A
0.008
0.09
330
439
2.70
Y
Y
Y
Y
5HT(P) 10-R
10A
0.007
0.09
601
812
2.90
Y
Y
Y
Y
Consult manufacturer for other ratings
Specifications subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com