Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA2013 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # RFSA2013
Description  VOLTAGE CONTROLLED ATTENUATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSA2013 Datasheet(HTML) 4 Page - Qorvo, Inc

  RFSA2013 Datasheet HTML 1Page - Qorvo, Inc RFSA2013 Datasheet HTML 2Page - Qorvo, Inc RFSA2013 Datasheet HTML 3Page - Qorvo, Inc RFSA2013 Datasheet HTML 4Page - Qorvo, Inc RFSA2013 Datasheet HTML 5Page - Qorvo, Inc RFSA2013 Datasheet HTML 6Page - Qorvo, Inc RFSA2013 Datasheet HTML 7Page - Qorvo, Inc RFSA2013 Datasheet HTML 8Page - Qorvo, Inc RFSA2013 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4 of 17
RFSA2013
DS
150622
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Measured Positive Attenuation Slope Performance
Data includes PCB and connector losses
0
10
20
30
40
50
60
70
-40
-35
-30
-25
-20
-15
-10
-5
0
Attenuation (dB)
Input IP3 versus Attenuation
RF 2GHz, V
DD=5V, Pin=+20dBm/Tone
25°C
-40°C
85°C
0
10
20
30
40
50
60
70
-40
-35
-30
-25
-20
-15
-10
-5
0
Attenuation (dB)
Input IP3 versus Attenuation
V
DD=5V, Pin=+20dBm/Tone, Temp=+25° C
500MHz
1GHz
2GHz
3GHz
4GHz
0
10
20
30
40
50
60
70
80
90
100
110
-40
-35
-30
-25
-20
-15
-10
-5
0
Attenuation (dB)
Input IP2 versus Attenuation
RF 2GHz, V
DD=5V, Pin=+20dBm/Tone
25°C
-40°C
85°C
0
10
20
30
40
50
60
70
80
90
100
110
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Voltage Control (V)
Input IP2 versus Voltage Control
RF 2GHz, V
DD=5V, Pin=+20dBm/Tone
25°C
-40°C
85°C
0
10
20
30
40
50
60
70
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Voltage Control (V)
Input IP3 versus Voltage Control
RF 2GHz, V
DD=5V, Pin=+20dBm/Tone
25°C
-40°C
85°C
0
10
20
30
40
50
60
70
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Voltage Control (V)
Input IP3 versus Voltage Control
V
DD=5V, Pin=+20dBm/Tone, Temp=+25° C
500MHz
1GHz
2GHz
3GHz
4GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com