Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N1893 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N1893
Description  GENERAL PURPOSE HIGH-VOLTAGE TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N1893 Datasheet(HTML) 1 Page - STMicroelectronics

  2N1893 Datasheet HTML 1Page - STMicroelectronics 2N1893 Datasheet HTML 2Page - STMicroelectronics 2N1893 Datasheet HTML 3Page - STMicroelectronics 2N1893 Datasheet HTML 4Page - STMicroelectronics 2N1893 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2N1893
October 1988
GENERAL PURPOSE HIGH-VOLTAGE TYPE
The 2N1893 is a silicon planar epitaxial NPN tran-
sistor in Jedec TO-39 metal case, designed for use
in high-performance amplifier, oscillator and switch-
ing circuits.
It provides greater voltage swings in oscillator and
amplifier circuits and more protection in inductive
switching circuits due to its 120 V collector-to-base
voltage rating.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Unit
VCBO
Collector-base Voltage (IE =0)
120
V
VCER
Collector-emitter Voltage (RBE
≤ 10 Ω)100
V
VCEO
Collector-emitter Voltage (IB =0)
80
V
VEBO
Emitter-base Voltage (I C =0)
7
V
I C
Collector Current
0.5
A
Pto t
Total Power Dissipation at T amb
≤ 25 °C
at T cas e ≤ 25 °C
at T cas e
≤ 100 °C
0.8
3
1.7
W
W
W
Tstg,Tj
Storage and Junction Temperature
– 65 to 200
°C
INTERNAL SCHEMATIC DIAGRAM
Products approved to CECC 50002-104 avail-
able on request.
DESCRIPTION
TO-39
1/5


Similar Part No. - 2N1893

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N1893 PHILIPS-2N1893 Datasheet
51Kb / 8P
NPN medium power transistor
1997 Apr 17
logo
Semicoa Semiconductor
2N1893 SEMICOA-2N1893 Datasheet
42Kb / 1P
Chip Type 2C1893 Geometry 4500 Polarity NPN
2N1893 SEMICOA-2N1893 Datasheet
67Kb / 2P
Type 2N1893 Geometry 4500 Polarity NPN
logo
Boca Semiconductor Corp...
2N1893 BOCA-2N1893 Datasheet
113Kb / 1P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Microsemi Corporation
2N1893 MICROSEMI-2N1893 Datasheet
64Kb / 2P
NPN BIPOLAR TRANSISTOR
More results

Similar Description - 2N1893

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N720A STMICROELECTRONICS-2N720A Datasheet
42Kb / 4P
HIGH VOLTAGE GENERAL PURPOSE
Oct-1988
logo
Fairchild Semiconductor
BAS21 FAIRCHILD-BAS21 Datasheet
47Kb / 3P
General Purpose High Voltage Diode
BAV23S FAIRCHILD-BAV23S Datasheet
40Kb / 5P
HIGH VOLTAGE GENERAL PURPOSE DIODE
MJE350 FAIRCHILD-MJE350 Datasheet
36Kb / 4P
High Voltage General Purpose Applications
MMBD1401A FAIRCHILD-MMBD1401A Datasheet
63Kb / 5P
High Voltage General Purpose Diode
logo
Sharp Corporation
PC714V SHARP-PC714V Datasheet
395Kb / 4P
High Isolation Voltage Type, General Purpose Photocoupler
logo
New Jersey Semi-Conduct...
2N4030 NJSEMI-2N4030 Datasheet
480Kb / 2P
GENERAL PURPOSE HIGH-VOLTAGE
logo
Fairchild Semiconductor
BAV103 FAIRCHILD-BAV103_10 Datasheet
100Kb / 3P
High Voltage, General Purpose Diode
logo
Leshan Radio Company
R1500 LRC-R1500_15 Datasheet
207Kb / 7P
General Purpose High Voltage Rectifiers
logo
New Jersey Semi-Conduct...
2N720A NJSEMI-2N720A Datasheet
123Kb / 2P
HIGH VOLTAGE GENERAL PURPOSE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com