Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2425D Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # D2425D
Description  PANEL MOUNT SOLID STATE RELAYS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

D2425D Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  D2425D Datasheet HTML 1Page - Sensata Technologies, Inc. D2425D Datasheet HTML 2Page - Sensata Technologies, Inc. D2425D Datasheet HTML 3Page - Sensata Technologies, Inc. D2425D Datasheet HTML 4Page - Sensata Technologies, Inc. D2425D Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2
www.sensata.com
Copyright © 2024 Sensata Technologies, Inc.
Input (1)
Description
D24XXD
H12D48XXD
E SUFFIX
Control Voltage Range
4-15 VDC
4-15 VDC
15-32 VDC
Minimum Turn-On Voltage
4.0 VDC
4.0 VDC
15.0 VDC
Minimum Turn-Off Voltage
1.0 VDC
1.0 VDC
1.0 VDC
Typical Input Current @ 5 VDC (@ 24 VDC for E Suffix)
13 mA
13 mA
15 mA
Nominal Input Impedance [Ohm]
300
240
1500
Maximum Turn-On Time [msec] (5)
1/2 Cycle
1/2 Cycle
1/2 Cycle
Maximum Turn-Off Time [msec]
1/2 Cycle
1/2 Cycle
1/2 Cycle
General (1)
Description
Parameters
Dielectric Strength, Input/Output (50/60 Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 VDC)
109 Ohms
Maximum Capacitance, Input/Output
10 pF
Ambient Operating Temperature Range
-40 to 80°C
Ambient Storage Temperature Range
-40 to 125 °C
Weight (typical)
3.0 oz (86.5g)
Encapsulation
Thermally Conductive Epoxy
Terminals
.25” Fastons, .025” Square Pins
MECHANICAL SPECIFICATIONS
Tolerance: ±0.02 in / 0.5 mm
All dimensions are in: inches [millimeters]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com