Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM30 Datasheet(PDF) 13 Page - Carlo Gavazzi Holding AG

Part # WM30
Description  Energy Management Smart Modular Power Analyzer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

WM30 Datasheet(HTML) 13 Page - Carlo Gavazzi Holding AG

Back Button WM30 Datasheet HTML 9Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 10Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 11Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 12Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 13Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 14Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 15Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 16Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 17Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Specifications are subject to change without notice WM30 96 DS 240914
13
WM30 96
Accuracy (According to EN50470-3 and EN62053-23)
kWh, accuracy (RDG) depending on the current
Percentage error limits for class index C
6A (Imax)
2A (Imax)
6A (Imax)
2A (Imax)
5A (In)
1A (Iref)
5A (In)
1A (Iref)
0.25A (Itr)
0.05A (Itr)
0.25A (Itr)
0.05A (Itr)
0.05A (Imin)
0.01A (Imin)
Accuracy limits (Active energy)
Start-up current: 5mA (AV5-6), 1mA (AV4-7)
kvarh, accuracy (RDG) depending on the current
Error
Accuracy limits (Reactive energy)
Start-up current: 5mA (AV5-6), 1mA (AV4-7)
PF=1
PF=L0.5
or C0.8
6A (Imax)
2A (Imax)
6A (Imax)
2A (Imax)
5A (In)
1A (Ib)
5A (In)
1A (Ib)
0.25A
0.05A
0.5A
0.1A
0.1A
0.02A
0.25A
0.05A
sin
j=1
sin
j=0.5
+0.5%
0%
+1%
-0.5%
-1%
+2%
0%
+2,5%
-2%
-2,5%
System variables
Equivalent three-phase voltage
Voltage asymmetry
Three-phase reactive power
Three-phase active power
Three-phase apparent power
Total harmonic distortion
Used calculation formulas
Phase variables
Instantaneous effective voltage
Instantaneous active power
Instantaneous power factor
Instantaneous effective current
Instantaneous apparent power
Instantaneous reactive power
Energy metering
Where:
i= considered phase (L1, L2 or L3)
P= active power; Q= reactive power;
t1, t2 =starting and ending time points
of consumption recording; n= time
unit
Δ
; t= time interval between two
successive power consumptions;
n1, n2 = starting and ending discrete
time points of consumption recording
Three-phase power factor
(TPF)
å
-
=
LL
LL
L L
LL
V
V
V
AS Y
)
(
min
m ax
å
-
=
LN
LN
LN
LN
V
V
V
ASY
)
(
min
max
WM3040Soft parameter progr. and var. reading software
Working mode
Three different working
modes can be selected:
- management of local
RS232 (MODBUS);
- management of a local
RS485 network (MODBUS);
- managed via TCP port
WM3040Soft
Multi-language software
(Italian, English, French,
German, Spanish) for vari-
able reading, instrument
calibration and parameters
programming.The program
runs under Windows
XP/Vista/7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com