Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

540M Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # 540M
Description  RS-485 Modbus RTU Interface to 32 Open-Collector Outputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

540M Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  540M Datasheet HTML 1Page - Sealevel Systems, Inc. 540M Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
RS-485 Modbus RTU Interface to 32 Open-Collector Outputs
Part: 540M | Model: SeaI/O-540M
Features
• RS-485 Modbus RTU interface
• 32 open collector outputs
• Removable screw terminals simplify field wiring
• Input power via terminal block or modular connector
• Optional DIN rail or table mount
• Sealevel SeaMAX software supports Microsoft Windows and Linux
operating systems
Specifications
Family
SeaI/O
Digital I/O
Open-Collector Outputs
Dimensions
7.5 (L) x 5.1 (W) x 1.3 (H)
Extended
Temperature
Call for Options
Humidity Range
10 – 90% Relative Humidity, Non-
Condensing
Host Interface(s)
RS-485
Number of Inputs/
Outputs
32 Outputs
Operating
Temperature
-25°C to 85°C (-13°F to 185°F)
Output Dissipation
Max. 1000mA (single), Max. 2000mA
(port)
Output Isolation
2500VAC RMS, 3500VDC
Output Power
DC 60W max.
Output Type
Open-Collector
Output Voltage
Max. 60VDC
# of Ports
32
Power Requirement
9-30 VDC @ 1.9W
RoHS Compliant
Yes
Storage
Temperature
--50°C to 105°C (-58°F to 221°F)
sealevel.com
+1 864.843.4343
SL9611 G22



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com