Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PU2JLSH Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # PU2JLSH
Description  2A, 600V Ultra Fast Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

PU2JLSH Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  PU2JLSH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd PU2JLSH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd PU2JLSH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd PU2JLSH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd PU2JLSH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PU2JLSH
Taiwan Semiconductor
4
Version: A2412
PACKAGE OUTLINE DIMENSIONS
SOD-123HE
P/N = MARKING CODE
YW = DATE CODE
MARKING DIAGRAM
SUGGESTED PAD
LAYOUT
0.85
0.75
0.05
0.00
0.20
0.10
C
P/N
YWF
1.40
1.95
1.65
A
4
3.00
2.60
B
4
C
DETAIL A
0.75
0.55
2.30
1.90
3.90
3.50
1.15
0.85
1.25
0.95
1.55
1.35
0.70
2.40
0.90
0.13
C A B
2X
0.13
C A B
SEATING
PLANE
DETAIL A
(SCALE 2.5:1)
NOTES: UNLESS OTHERWISE SPECIFIED
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M-2009.
3. THERE IS NO EXISTING INDUSTRY STANDARD
FOR THIS PACKAGE.
4
MOLDED PLASTIC BODY DIMENSIONS DO NOT
INCLUDE MOLD FLASH.
5. DWG NO. REF: HQ2SD07-SOD123HE-038 REV A.
CATHODE
INDICATOR
= DATE CODE
= FACTORY CODE
YW
F
U2JLS
YWF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com