Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS1001K Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # VS1001K
Description  MPEG AUDIO CODEC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS1001K Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button VS1001K Datasheet HTML 3Page - List of Unclassifed Manufacturers VS1001K Datasheet HTML 4Page - List of Unclassifed Manufacturers VS1001K Datasheet HTML 5Page - List of Unclassifed Manufacturers VS1001K Datasheet HTML 6Page - List of Unclassifed Manufacturers VS1001K Datasheet HTML 7Page - List of Unclassifed Manufacturers VS1001K Datasheet HTML 8Page - List of Unclassifed Manufacturers VS1001K Datasheet HTML 9Page - List of Unclassifed Manufacturers VS1001K Datasheet HTML 10Page - List of Unclassifed Manufacturers VS1001K Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
VLSI
Solution
y
DATASHEET
VS1001K
1. LICENSE
1
License
MPEG Layer-3 audio decoding technology licensed from Fraunhofer IIS and Thomson.
2
Characteristics & Specifications
Unless otherwise noted: AVDD=2.9..3.6V, DVDD=2.3..3.6V, TA=-30..+85◦C, XTALI=24.576MHz, Full-
Scale Output Sinewave at 1.526 kHz, measurement bandwidth 20..20000 Hz, analog output load 30Ω (no
ground buffer) or 100Ω (with ground buffer), bitstream 128 kbits/s, local components as shown in Figures
4 and 5.
Note, that some analog values are in practice better than in these tables if chips are used within a limited
temperature range and not too close to lower voltage limits.
2.1
Analog Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
DAC Resolution
16
bits
Total Harmonic Distortion
THD
0.1
0.2
%
Dynamic Range (DAC unmuted, A-weighted)
IDR
90
dB
S/N Ratio (full scale signal)
SNR
70
87
dB
Interchannel Isolation
50
75
dB
Interchannel Gain Mismatch
-0.5
0.5
dB
Frequency Response
-0.1
0.1
dB
Frequency Response, AVDD = 2.8V
-0.3
0.3
dB
Full Scale Output Voltage (Peak-to-peak)
1.4
1.81
2.0
Vpp
Deviation from Linear Phase
5
◦
Out of Band Energy
-60
dB
Out of Band Energy with Analog Filter
-90
dB
Analog Output Load Resistance, no ground buffer
AOLR1
16
302
Ω
Analog Output Load Resistance, ground buffer
AOLR2
16
1002
Ω
Analog Output Load Capacitance
1000
pF
1 3.6 volts can be achieved with +-to-+ wiring for mono difference sound.
2 AOLR1/2 may be much lower, but below Typical distortion performance may be compromised.
Version 4.14,
2004-02-10
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com