Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2016DBQ Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ2016DBQ
Description  GAS GAUGE IC FOR HIGH DISCHARGE RATES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2016DBQ Datasheet(HTML) 3 Page - Texas Instruments

  BQ2016DBQ Datasheet HTML 1Page - Texas Instruments BQ2016DBQ Datasheet HTML 2Page - Texas Instruments BQ2016DBQ Datasheet HTML 3Page - Texas Instruments BQ2016DBQ Datasheet HTML 4Page - Texas Instruments BQ2016DBQ Datasheet HTML 5Page - Texas Instruments BQ2016DBQ Datasheet HTML 6Page - Texas Instruments BQ2016DBQ Datasheet HTML 7Page - Texas Instruments BQ2016DBQ Datasheet HTML 8Page - Texas Instruments BQ2016DBQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
bq2016
GAS GAUGE IC FOR
HIGH DISCHARGE RATES
SLUS475A– JANUARY 2001 – REVISED NOVEMBER 2002
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Relative to VSS:VCC
–0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VIN (All other pins)
–0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating temperature, TOPR
–20
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
dc electrical characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage
2.7
3.3
3.7
V
ICC
Operating current
180
235
µA
VOLS
Sink voltage: LED1–LED5
IOLS = 5 mA
0.4
V
VOLS
Sink voltage: TI ION, CVON
IOLS = 1 mA
0.36
V
VIL
Input voltage low DISP
–0.3
0.8
V
VIH
Input voltage high DISP
2.0
VCC + 0.3
V
VOL
Output voltage low HDQ
IOL = 1 mA
0.4
V
VILS
Input voltage low HDQ
–0.3
0.8
V
VIHS
Input voltage high HDQ
1.7
6.0
V
VAI
Input voltage range SB, PROG, VPFC, TS
VSS–0.3
VCC + 0.3
V
IRB
RBI data-retention input current
VRBI > 3 V, VCC < 2 V
10
50
nA
VRBI
RBI data-retention voltage
1.3
V
ZAI1
Input impedance: SR1, SR2
0–1.25V
10
M
Ω
ZAI2
Input impedance: SB, SRC
0–1.25V
5
M
Ω
ZAI3
Input impedance: PROG, VPFC
0–VCC
5
M
Ω
NOTE: ZAI specifications are reference numbers based on process data.
VFC characteristics, VCC = 3.1–3.5 V, TOPR = 0°C to 70°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VSR
Input voltage range, VSR2 and VSR1
VSR = VSR2 – VSR1
–0.25
0.25
V
VSROS
VSR input offset
VSR2 = VSR1, autocorrection disabled
–300
–50
300
µV
VSRCOS
Calibrated offset
After autocorrection
–16
16
V
INL
Integral nonlinearity error
TOPR = 0°C to 50°C
0.21%
REG characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VRO
REG controlled output voltage
JFET: Rds(on) < 150 Ω
Vgs (off) < –3 V at 10 µA
3.1
3.3
3.5
V
IREG
REG output current
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com