Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74AC86 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74AC86
Description  QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74AC86 Datasheet(HTML) 1 Page - Texas Instruments

  CD74AC86 Datasheet HTML 1Page - Texas Instruments CD74AC86 Datasheet HTML 2Page - Texas Instruments CD74AC86 Datasheet HTML 3Page - Texas Instruments CD74AC86 Datasheet HTML 4Page - Texas Instruments CD74AC86 Datasheet HTML 5Page - Texas Instruments CD74AC86 Datasheet HTML 6Page - Texas Instruments CD74AC86 Datasheet HTML 7Page - Texas Instruments CD74AC86 Datasheet HTML 8Page - Texas Instruments CD74AC86 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CD74AC86
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SCHS324 – JANUARY 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D AC Types Feature 1.5-V to 5.5-V Operation
and Balanced Noise Immunity at 30% of the
Supply
D Speed of Bipolar F, AS, and S, With
Significantly Reduced Power Consumption
D Balanced Propagation Delays
D ±24-mA Output Drive Current
– Fanout to 15 F Devices
D SCR-Latchup-Resistant CMOS Process and
Circuit Design
D Exceeds 2-kV ESD Protection Per
MIL-STD-883, Method 3015
description/ordering information
The CD74AC86 is a quadruple 2-input exclusive-OR gate. This device performs the Boolean function
Y = A
⊕ B or Y = AB + AB in positive logic.
A common application is as a true/complement element. If one of the inputs is low, the other input is reproduced
in true form at the output. If one of the inputs is high, the signal on the other input is reproduced inverted at the
output.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – E
Tube
CD74AC86E
CD74AC86E
–55
°C to 125°C
SOIC – M
Tube
CD74AC86M
AC86M
SOIC – M
Tape and reel
CD74AC86M96
AC86M
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
Y
L
L
L
L
HH
H
LH
H
H
L
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
E OR M PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y


Similar Part No. - CD74AC86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC86 TI-CD74AC86 Datasheet
34Kb / 5P
Quad 2-Input Exclusive-OR Gate
CD74AC86 TI1-CD74AC86 Datasheet
819Kb / 13P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
CD74AC86-MIL TI1-CD74AC86-MIL Datasheet
819Kb / 13P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
CD74AC86E TI-CD74AC86E Datasheet
34Kb / 5P
Quad 2-Input Exclusive-OR Gate
CD74AC86E TI1-CD74AC86E Datasheet
819Kb / 13P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
More results

Similar Description - CD74AC86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11086 TI-74AC11086 Datasheet
78Kb / 5P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
REVISED APRIL 1996
74ACT11086 TI1-74ACT11086 Datasheet
76Kb / 5P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
CD74ACT86-EP TI1-CD74ACT86-EP Datasheet
496Kb / 11P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74LV86A-EP TI1-SN74LV86A-EP Datasheet
512Kb / 11P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC86A-EP TI1-SN74LVC86A-EP Datasheet
534Kb / 11P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74HC86-Q1 TI1-SN74HC86-Q1 Datasheet
234Kb / 10P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74LV86A-Q1 TI1-SN74LV86A-Q1 Datasheet
189Kb / 10P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC86A-Q1 TI1-SN74LVC86A-Q1 Datasheet
220Kb / 10P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
logo
Unisonic Technologies
U74AHCT86 UTC-U74AHCT86 Datasheet
175Kb / 4P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
logo
Texas Instruments
CD74AC86 TI1-CD74AC86_14 Datasheet
819Kb / 13P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com