Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT86-EP Datasheet(PDF) 3 Page - Texas Instruments

Part # CD74ACT86-EP
Description  QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT86-EP Datasheet(HTML) 3 Page - Texas Instruments

  CD74ACT86-EP Datasheet HTML 1Page - Texas Instruments CD74ACT86-EP Datasheet HTML 2Page - Texas Instruments CD74ACT86-EP Datasheet HTML 3Page - Texas Instruments CD74ACT86-EP Datasheet HTML 4Page - Texas Instruments CD74ACT86-EP Datasheet HTML 5Page - Texas Instruments CD74ACT86-EP Datasheet HTML 6Page - Texas Instruments CD74ACT86-EP Datasheet HTML 7Page - Texas Instruments CD74ACT86-EP Datasheet HTML 8Page - Texas Instruments CD74ACT86-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
Operating Characteristics
CD74ACT86-EP
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SCHS357 – MARCH 2006
over recommended operating free-air temperature range (unless otherwise noted)
–55
°C to
TA = 25°C
125
°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
MAX
MIN
MAX
IOH = –50 µA
4.4
4.4
4.5 V
VOH
VI = VIH or VIL
IOH = –24 mA
3.94
3.7
V
IOH = –50 mA(1)
5.5 V
3.85
3.85
IOL = 50 µA
0.1
0.1
4.5 V
VOL
VI = VIH or VIL
IOL = 24 mA
0.36
0.5
V
IOL = 50 mA(1)
5.5 V
1.65
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
4
80
µA
∆I
CC
(2)
VI = VCC – 2.1 V
4.5 V to 5.5 V
2.4
3
mA
Ci
10
10
pF
(1)
Test one output at a time, not exceeding 1-s duration. Measurement is made by forcing indicated current and measuring voltage to
minimize power dissipation. Test verifies a minimum 50-
Ω transmission-line drive capability at 85°C and 75-Ω transmission-line drive
capability at 125
°C.
(2)
Additional quiescent supply current per input pin, TTL inputs high, 1 unit load
ACT INPUT LOAD TABLE(1)
INPUT
UNIT LOAD
All
0.48
(1)
Unit load is
∆I
CC limit specified in
electrical characteristics table
(e.g., 2.4 mA at 25
°C).
over recommended operating free-air temperature range, V
CC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
–55
°C to
FROM
TO
125
°C
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
tPLH
3.7
14.6
A or B
Y
ns
tPHL
3.7
14.6
V
CC = 5 V, TA = 25°C
PARAMETER
TYP
UNIT
Cpd
Power dissipation capacitance
57
pF
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com