Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC646F3A Datasheet(PDF) 7 Page - Texas Instruments

Part # CD54HC646F3A
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC646F3A Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD54HC646F3A Datasheet HTML 3Page - Texas Instruments CD54HC646F3A Datasheet HTML 4Page - Texas Instruments CD54HC646F3A Datasheet HTML 5Page - Texas Instruments CD54HC646F3A Datasheet HTML 6Page - Texas Instruments CD54HC646F3A Datasheet HTML 7Page - Texas Instruments CD54HC646F3A Datasheet HTML 8Page - Texas Instruments CD54HC646F3A Datasheet HTML 9Page - Texas Instruments CD54HC646F3A Datasheet HTML 10Page - Texas Instruments CD54HC646F3A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CD54HC646, CD74HCT646
OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCHS278B – APRIL 2003 – REVISED APRIL 2003
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
HCT INPUT LOADING TABLE
INPUT
UNIT LOAD†
OE
1.3
DIR
0.75
CLKAB or CLKBA
0.6
SAB or SBA
0.45
A or B
0.3
† Unit Load is
∆ICC limit specified in
electrical characteristics table (e.g.,
360
µA max at 25°C).
timing requirements for CD54HC646 over recommended operating free-air temperature range
(unless otherwise noted) (see Figure 2)
VCC
TA = 25°C
TA = –55°C
TO 125
°C
TA = –40°C
TO 85
°C
UNIT
CC
MIN
MAX
MIN
MAX
MIN
MAX
2 V
6
4
5
fclock
Clock frequency
4.5 V
30
20
25
MHz
6 V
35
23
29
2 V
80
120
100
tw
Pulse duration, CLKBA or CLKAB high or low
4.5 V
16
24
20
ns
6 V
14
20
17
↑
↑
2 V
60
90
75
tsu
Setup time, A before CLKAB
↑ or B before CLKBA↑
4.5 V
12
18
15
ns
6 V
10
15
13
↑
↑
2 V
35
55
45
th
Hold time, A after CLKAB
↑ or B after CLKBA↑
4.5 V
7
11
9
ns
6 V
6
9
8
timing requirements for CD74HCT646 over recommended operating free-air temperature range,
VCC = 4.5 V (unless otherwise noted) (see Figure 3)
TA = 25°C
TA = –55°C
TO 125
°C
TA = –40°C
TO 85
°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
25
17
20
MHz
tw
Pulse duration, CLKBA or CLKAB high or low
25
38
31
ns
tsu
Setup time, A before CLKAB
↑ or B before CLKBA↑
12
18
15
ns
th
Hold time, A after CLKAB
↑ or B after CLKBA↑
5
5
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com