Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC646 Datasheet(PDF) 8 Page - Texas Instruments

Part # CD54HC646
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC646 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD54HC646 Datasheet HTML 4Page - Texas Instruments CD54HC646 Datasheet HTML 5Page - Texas Instruments CD54HC646 Datasheet HTML 6Page - Texas Instruments CD54HC646 Datasheet HTML 7Page - Texas Instruments CD54HC646 Datasheet HTML 8Page - Texas Instruments CD54HC646 Datasheet HTML 9Page - Texas Instruments CD54HC646 Datasheet HTML 10Page - Texas Instruments CD54HC646 Datasheet HTML 11Page - Texas Instruments CD54HC646 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CD54HC646, CD74HCT646
OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCHS278B – APRIL 2003 – REVISED APRIL 2003
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics for CD54HC646 over recommended operating free-air temperature range
(unless otherwise noted) (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
VCC
TA = 25°C
TA = –55°C
TO 125
°C
TA = –40°C
TO 85
°C
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
CC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
2 V
6
4
5
f
CL = 50 pF
4.5 V
30
20
25
MHz
fmax
6 V
35
23
29
MHz
CL = 15 pF
5 V
60
2 V
220
330
275
CLKBA or
AorB
CL = 50 pF
4.5 V
44
66
55
CLKAB
A or B
6 V
37
56
47
CL = 15 pF
5 V
18
2 V
135
205
170
t d
AorB
BorA
CL = 50 pF
4.5 V
27
41
34
ns
tpd
A or B
B or A
6 V
23
35
29
ns
CL = 15 pF
5 V
12
2 V
170
255
215
SBA or
AorB
CL = 50 pF
4.5 V
34
51
43
SAB†
A or B
6 V
29
43
37
CL = 15 pF
5 V
14
2 V
175
265
220
t
OE
AorB
CL = 50 pF
4.5 V
35
53
44
ns
ten
OE
A or B
6 V
30
45
37
ns
CL = 15 pF
5 V
14
2 V
175
265
220
tdi
OE
AorB
CL = 50 pF
4.5 V
35
53
44
ns
tdis
OE
A or B
6 V
30
45
37
ns
CL = 15 pF
5 V
14
2 V
60
90
75
tt
Any
CL = 50 pF
4.5 V
12
18
15
ns
6 V
10
15
13
† These parameters are measured with the internal output state of the storage register opposite that of the bus input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com