Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC161F.A Datasheet(PDF) 7 Page - Texas Instruments

Part # CD54HC161F.A
Description  High-Speed CMOS Logic Presettable Counters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC161F.A Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD54HC161F.A Datasheet HTML 3Page - Texas Instruments CD54HC161F.A Datasheet HTML 4Page - Texas Instruments CD54HC161F.A Datasheet HTML 5Page - Texas Instruments CD54HC161F.A Datasheet HTML 6Page - Texas Instruments CD54HC161F.A Datasheet HTML 7Page - Texas Instruments CD54HC161F.A Datasheet HTML 8Page - Texas Instruments CD54HC161F.A Datasheet HTML 9Page - Texas Instruments CD54HC161F.A Datasheet HTML 10Page - Texas Instruments CD54HC161F.A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
HCT TYPES
Maximum CP Frequency
fMAX
-
4.5
30
-
-
24
-
20
-
MHz
CP Width (Low) (Note 6)
tW(L)
-
4.5
16
-
-
20
-
24
-
ns
MR Pulse Width (161)
tW
-
4.5
20
-
-
25
-
30
-
ns
Setup Time, Pn to CP
tSU
-
4.5
10
-
-
13
-
15
-
ns
Setup Time, PE or TE to CP
tSU
-
4.5
13
-
-
16
-
20
-
ns
Setup Time, SPE to CP
tSU
-
4.5
12
-
-
15
-
18
-
ns
Setup Time, MR to CP (163)
tSU
-
4.5
13
-
-
16
-
20
-
ns
Hold Time, PN to CP
tH
-
4.5
5
-
-
5
-
5
-
ns
Hold Time, TE or PE to CP
tH
-
4.5
3
-
-
3
-
3
-
ns
Hold Time, SPE to CP
tH
-
4.5
3
-
-
3
-
3
-
ns
Recovery Time, MR to CP (161)
tREC
-
4.5
15
-
-
19
-
22
-
ns
NOTE:
6. Applies to non-cascaded operation only. With cascaded counters clock to terminal count propagation delays, count enables (PE or TE)-
to-clock setup times, and count enables (PE or TE)-to-clock hold times determine maximum clock frequency. For example with these HC
devices:
Switching Specifications CL = 50pF, Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay
tPHL, tPLH
CL = 50pF
CP to TC
2
-
-
185
-
230
-
280
ns
4.5
-
-
37
-
46
-
56
ns
CL = 15pF
5
-
15
-
-
-
-
-
ns
CL = 50pF
6
-
-
31
-
39
-
48
ns
CP to Qn
tPHL, tPLH
CL = 50pF
2
-
-
185
-
230
-
280
ns
4.5
-
-
37
-
46
-
56
ns
CL = 15pF
5
-
15
-
-
-
-
-
ns
CL = 50pF
6
-
-
31
-
39
-
48
ns
TE to TC
tPHL, tPLH
CL = 50pF
2
-
-
120
-
150
-
180
ns
4.5
-
-
24
-
30
-
36
ns
CL = 15pF
5
-
9
-
-
-
-
-
ns
CL = 50pF
6
-
-
20
-
26
-
31
ns
Prerequisite For Switching Specifications
(Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
f
MAX (CP)
1
CP-to-TC prop. delay
TE-to-CP setup
TE-to-CP Hold
++
-----------------------------------------------------------------------------------------------------------------------------------------------------
1
37
10
0
++
-----------------------------
21MHz min
()
≈
==
CD54/74HC161, CD54/74HCT161, CD54/74HC163, CD54/74HCT163



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com