Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

497-7699 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 497-7699
Description  Standard 0.8 A Triacs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

497-7699 Datasheet(HTML) 2 Page - STMicroelectronics

  497-7699 Datasheet HTML 1Page - STMicroelectronics 497-7699 Datasheet HTML 2Page - STMicroelectronics 497-7699 Datasheet HTML 3Page - STMicroelectronics 497-7699 Datasheet HTML 4Page - STMicroelectronics 497-7699 Datasheet HTML 5Page - STMicroelectronics 497-7699 Datasheet HTML 6Page - STMicroelectronics 497-7699 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristcs
Z00607
2/7
1
Characteristcs
Table 2.
Electrical characteristics (Tj = 25° C, unless otherwise specified)
Symbol
Test Conditions
Quadrant
Value
Unit
IGT
(1)
1.
minimum IGT is guaranteed at 5% of IGT max.
VD = 12 V RL = 30 Ω
I - II - III
MAX
5
mA
IV
7
VGT
ALL
MAX
1.3
V
VGD
VD = VDRM RL = 3.3 kΩ Tj = 110° C
ALL
MIN
0.2
V
IH (2)
IT = 200 mA
MX.
5
mA
IL
IG = 1.2 IGT
I - III - IV
MAX
10
mA
II
20
dV/dt (2)
VD = 67% VDRM gate open Tj = 110° C
MIN
10
V/µs
(dV/dt)c (2)
2.
for both polarities of A2 referenced to A1.
(dV/dt)c = 0.35 A/ms
Tj = 110° C
MIN
1.5
V/µs
Table 3.
Static characteristics
Symbol
Test Conditions
Value
Unit
VTM
(1)
1.
for both polarities of A2 referenced to A1.
ITM = 1.1 A
tp = 380 µs
Tj = 25° C
MAX.
1.5
V
Vto
(1)
Threshold voltage
Tj = 110° C
MAX.
0.95
V
Rd
(1)
Dynamic resistance
Tj = 110° C
MAX.
420
m
Ω
IDRM
IRRM
VDRM = VRRM = 600 V
Tj = 25° C
MAX.
5µA
Tj = 110° C
0.1
mA
Table 4.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth(j-t)
Junction to tab (AC)
SOT-223
25
° C/W
Rth(j-I)
Junction to lead (AC)
TO-92
60
Rth(j-a)
Junction to ambient
S(1) = 5 cm²
1.
S = Copper surface under tab.
SOT-223
60
° C/W
TO-92
150



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com