Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G474CEU6 Datasheet(PDF) 57 Page - STMicroelectronics

Part # STM32G474CEU6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CEU6 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM32G474CEU6 Datasheet HTML 53Page - STMicroelectronics STM32G474CEU6 Datasheet HTML 54Page - STMicroelectronics STM32G474CEU6 Datasheet HTML 55Page - STMicroelectronics STM32G474CEU6 Datasheet HTML 56Page - STMicroelectronics STM32G474CEU6 Datasheet HTML 57Page - STMicroelectronics STM32G474CEU6 Datasheet HTML 58Page - STMicroelectronics STM32G474CEU6 Datasheet HTML 59Page - STMicroelectronics STM32G474CEU6 Datasheet HTML 60Page - STMicroelectronics STM32G474CEU6 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 232 page
background image
DS12288 Rev 1
57/232
STM32G474xB STM32G474xC STM32G474xE
Pinouts and pin description
78
-
-
-
-
-
-
-
10
PF3
I/O
FT_f
-
TIM20_CH4,
I2C3_SCL,
FMC_A3,
EVENTOUT
-
-
-
-
-
-
-
-
11
PF4
I/O
FT_f
-
COMP1_OUT,
TIM20_CH1N,
I2C3_SDA, FMC_A4,
EVENTOUT
-
F1
-
-
-
-
D2
-
12
VSS
S
-
-
-
-
A9
-
-
-
-
D5
-
13
VDD
S
-
-
-
-
-
-
-
-
-
-
-
14
PF5
I/O
FT
-
TIM20_CH2N,
FMC_A5,
EVENTOUT
-
-
-
-
-
-
-
-
15
PF7
I/O
FT
-
TIM20_BKIN,
TIM5_CH2,
QUADSPI1_BK1_IO2
, FMC_A1,
SAI1_MCLK_B,
EVENTOUT
-
-
-
-
-
-
-
-
16
PF8
I/O
FT
-
TIM20_BKIN2,
TIM5_CH3,
QUADSPI1_BK1_IO0
, FMC_A24,
SAI1_SCK_B,
EVENTOUT
-
-
-
-
-
-
E3
10
17
PF9
I/O
FT
-
TIM20_BKIN,
TIM15_CH1,
SPI2_SCK,
TIM5_CH4,
QUADSPI1_BK1_IO1
, FMC_A25,
SAI1_FS_B,
EVENTOUT
-
-
-
-
-
-
E4
11
18
PF10
I/O
FT
-
TIM20_BKIN2,
TIM15_CH2,
SPI2_SCK,
QUADSPI1_CLK,
FMC_A0, SAI1_D3,
EVENTOUT
-
E9
5
5
5
5
E1
12
19
PF0-OSC_IN
I/O
FT_fa
-
I2C2_SDA,
SPI2_NSS/I2S2_WS,
TIM1_CH3N,
EVENTOUT
ADC1_IN10,
OSC_IN
F9
6
6
6
6
E2
13
20
PF1-
OSC_OUT
I/O
FT_a
-
SPI2_SCK/I2S2_CK,
EVENTOUT
ADC2_IN10,
COMP3_INM,
OSC_OUT
Table 12. STM32G474xB/xC/xE pin definition (continued)
Pin Number
Pin name
(function
after reset)(1)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com