Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G474CEU6 Datasheet(PDF) 107 Page - STMicroelectronics

Part # STM32G474CEU6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CEU6 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM32G474CEU6 Datasheet HTML 103Page - STMicroelectronics STM32G474CEU6 Datasheet HTML 104Page - STMicroelectronics STM32G474CEU6 Datasheet HTML 105Page - STMicroelectronics STM32G474CEU6 Datasheet HTML 106Page - STMicroelectronics STM32G474CEU6 Datasheet HTML 107Page - STMicroelectronics STM32G474CEU6 Datasheet HTML 108Page - STMicroelectronics STM32G474CEU6 Datasheet HTML 109Page - STMicroelectronics STM32G474CEU6 Datasheet HTML 110Page - STMicroelectronics STM32G474CEU6 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 232 page
background image
IDD (LPRun)
Supply current
in Low-power
run mode
SYSCLK source is HSE
in bypass mode
all peripherals disable
2 MHz
205
430
1150
2050
3600
1700 2700 3500
5700 11000
μA
1 MHz
165
400
1100
2000
3550
940
2200 3400
5700 11000
250 KHz
145
370
1100
2000
3550
370
1100 3400
5700 11000
62.5 KHz
140
365
1050
2000
3550
360
1100 3400
5600 11000
SYSCLK source is HSI16
all peripherals disable
2 MHz
700
925
1650
2550
4100
1100 1900 4300
6300 11000
μA
1 MHz
710
925
1600
2550
4100
1100 1800 4300
6300 11000
250 KHz
670
910
1600
2500
4050
1100 1800 4200
6300 11000
62.5 KHz
685
910
1600
2500
4050
1100 1800 4000
6300 11000
Table 31. Current consumption in Sleep and Low-power sleep mode Flash ON (continued)
Symbol
Parameter
Condition
fHCLK
Typ
Max
Unit
-
Voltage
scaling
25°C
55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C
Table 32. Current consumption in low-power sleep modes, Flash in power-down
Symbol
Parameter
Condition
fHCLK
Typ
Max
Unit
-
Voltage
scaling
25°C
55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C
IDD
(LPSleep)
Supply current
in low-power
sleep mode
SYSCLK source is HSE
in bypass mode
all peripherals disable
2 MHz
210
385
1150
2050
3550
460
1200 3500
5700
11000
μA
1 MHz
150
360
1100
2000
3550
410
1100 3400
5600
11000
250 KHz
120
330
1050
2000
3500
370
1100 3400
5600
11000
62.5 KHz
110
330
1050
1950
3500
360
1100 3300
5600
10000
SYSCLK source is HSI16
all peripherals disable
2 MHz
675
900
1600
2500
4050
1100 1800 4200
6400
11000
1 MHz
695
890
1600
2500
4050
1100 1800 4100
6300
11000
250 KHz
640
885
1600
2500
4050
1100 1800 4100
6300
11000
62.5 KHz
690
880
1600
2500
4050
990
1600 3500
5400
9300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com