Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G474CEU6 Datasheet(PDF) 167 Page - STMicroelectronics

Part # STM32G474CEU6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CEU6 Datasheet(HTML) 167 Page - STMicroelectronics

Back Button STM32G474CEU6 Datasheet HTML 163Page - STMicroelectronics STM32G474CEU6 Datasheet HTML 164Page - STMicroelectronics STM32G474CEU6 Datasheet HTML 165Page - STMicroelectronics STM32G474CEU6 Datasheet HTML 166Page - STMicroelectronics STM32G474CEU6 Datasheet HTML 167Page - STMicroelectronics STM32G474CEU6 Datasheet HTML 168Page - STMicroelectronics STM32G474CEU6 Datasheet HTML 169Page - STMicroelectronics STM32G474CEU6 Datasheet HTML 170Page - STMicroelectronics STM32G474CEU6 Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 232 page
background image
DS12288 Rev 1
167/232
STM32G474xB STM32G474xC STM32G474xE
Electrical characteristics
201
tWAKEUP(3)
Wake up time from
OFF state.
Normal mode
CLOAD ≤ 50 pf,
RLOAD ≥ 4 kΩ
follower
configuration
-3
6
µs
High-speed mode
CLOAD ≤ 50 pf,
RLOAD ≥
20 kΩ
follower
configuration
-3
6
Ibias
OPAMP input bias
current
See lleak parameter in Table 57: I/O static characteristics for given pin.
PGA gain
Non inverting gain
value(4)
PGA Gain = 2 0.1 ≤ Out
dynamic range ≤ VDDA -
0.1
VDDA < 2.2
-2
-
2
-
VDDA ≥ 2.2
-1
-
1
PGA Gain=4, 100mV ≤ Output dynamic
range ≤ VDDA - 100mV
-1
-
1
PGA Gain=8 100mV ≤ Output dynamic
range ≤ VDDA - 100mV
-1
-
1
PGA Gain=16, 100mV ≤ Output dynamic
range ≤ VDDA - 100mV
-1
-
1
PGA Gain=32 200mV ≤ Output ≤ VDDA -
200mV
-2
-
2
PGA Gain=64 200mV ≤ Output dynamic
range ≤ VDDA - 200mV
-2
-
2
Inverting gain value
PGA Gain = -1
100mV ≤ Output dynamic
range ≤ VDDA - 100mV
VDDA < 2.2
-2
-
2
-
VDDA ≥ 2.2
-1
-
1
PGA Gain=-3, 100mV ≤ Output dynamic
range ≤ VDDA - 100mV
-1
-
1
PGA Gain=-7 100mV ≤ Output dynamic
range ≤ VDDA - 100mV
-1
-
1
PGA Gain=-15, 100mV ≤ Output dynamic
range ≤ VDDA - 100mV
-1
-
1
PGA Gain=-31 200mV ≤ Output ≤ VDDA -
200mV
-2
-
2
PGA Gain=-63 200mV ≤ Output dynamic
range ≤ VDDA - 200mV
-5
-
2
Table 80. OPAMP characteristics(1) (2) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com