Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TXN/TYN 0512 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TXN/TYN 0512
Description  TXN/TYN 0512 ---> TXN/TYN 1012
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TXN/TYN 0512 Datasheet(HTML) 5 Page - STMicroelectronics

  TXN/TYN 0512 Datasheet HTML 1Page - STMicroelectronics TXN/TYN 0512 Datasheet HTML 2Page - STMicroelectronics TXN/TYN 0512 Datasheet HTML 3Page - STMicroelectronics TXN/TYN 0512 Datasheet HTML 4Page - STMicroelectronics TXN/TYN 0512 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PACKAGE MECHANICAL DATA
TO220AB Plastic
Cooling method : by conduction (method C)
Marking : type number
Weight : 2.3 g
Recommended torque value : 0.8 m.N.
Maximum torque value : 1 m.N.
A
G
J
H
D
B
C
M
L
F
O
P
=N =
I
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
10.00
10.40
0.393
0.409
B
15.20
15.90
0.598
0.625
C
13.00
14.00
0.511
0.551
D
6.20
6.60
0.244
0.259
F
3.50
4.20
0.137
0.165
G
2.65
2.95
0.104
0.116
H
4.40
4.60
0.173
0.181
I
3.75
3.85
0.147
0.151
J
1.23
1.32
0.048
0.051
L
0.49
0.70
0.019
0.027
M
2.40
2.72
0.094
0.107
N
4.80
5.40
0.188
0.212
O
1.14
1.70
0.044
0.066
P
0.61
0.88
0.024
0.034
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability
for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may
result from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-T HOMSON Microelectronics.
Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all
information previously supplied.
SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems
without express written approval of SGS-THOMSON Microelectronics.
© 1995 SGS-THOMSON Microelectronics - Printed in Italy - All rights reserved.
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Nether-
lands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
TXN/TYN 0512 ---> TXN/TYN 1012
5/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com