Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F18345 Datasheet(PDF) 64 Page - Microchip Technology

Part # PIC16F18345
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18345 Datasheet(HTML) 64 Page - Microchip Technology

Back Button PIC16F18345 Datasheet HTML 60Page - Microchip Technology PIC16F18345 Datasheet HTML 61Page - Microchip Technology PIC16F18345 Datasheet HTML 62Page - Microchip Technology PIC16F18345 Datasheet HTML 63Page - Microchip Technology PIC16F18345 Datasheet HTML 64Page - Microchip Technology PIC16F18345 Datasheet HTML 65Page - Microchip Technology PIC16F18345 Datasheet HTML 66Page - Microchip Technology PIC16F18345 Datasheet HTML 67Page - Microchip Technology PIC16F18345 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 442 page
background image
PIC16(L)F18313/18323
DS40001799A-page 64
Preliminary
 2015 Microchip Technology Inc.
6.0
OSCILLATOR MODULE (WITH
FAIL-SAFE CLOCK MONITOR)
6.1
Overview
The oscillator module has a wide variety of clock
sources and selection features that allow it to be used
in a wide range of applications while maximizing
performance and minimizing power consumption.
Figure 6-1 illustrates a block diagram of the oscillator
module.
Clock sources can be supplied from external oscillators,
quartz-crystal resonators and ceramic resonators. In
addition, the system clock source can be supplied from
one of two internal oscillators and PLL circuits, with a
choice of speeds selectable via software. Additional
clock features include:
• Selectable system clock source between external
or internal sources via software.
• Fail-Safe Clock Monitor (FSCM) designed to
detect a failure of the external clock source (LP,
XT, HS, ECH, ECM, ECL) and switch
automatically to the internal oscillator.
• Oscillator Start-up Timer (OST) ensures stability
of crystal oscillator sources.
The RSTOSC bits of Configuration Word 1 determine
the type of oscillator that will be used when the device
is reset, including when it is first powered up.
The internal clock modes, LFINTOSC, HFINTOSC (set
at 1 MHz), or HFINTOSC (set at 32 MHz) can be set
through the RSTOSC bits.
If an external clock source is selected, the FEXTOSC
bits of Configuration Word 1 must be used in
conjunction with the RSTOSC bits to select the
External Clock mode.
The external oscillator module can be configured in one
of the following clock modes, by setting the
FEXTOSC<2:0> bits of Configuration Word 1:
1.
ECL – External Clock Low-Power mode
(below 100 MHz)
2.
ECM – External Clock Medium-Power mode
(100 kHz to 8 MHz)
3.
ECH – External Clock High-Power mode
(above 8 MHz)
4.
LP – 32 kHz Low-Power Crystal mode.
5.
XT – Medium Gain Crystal or Ceramic Resonator
Oscillator mode (between 100 MHz and 4 MHz)
6.
HS – High Gain Crystal or Ceramic Resonator
mode (above 4 MHz)
The ECH, ECM, and ECL clock modes rely on an
external logic level signal as the device clock source.
The LP, XT, and HS clock modes require an external
crystal or resonator to be connected to the device.
Each mode is optimized for a different frequency range.
The INTOSC internal oscillator block produces low and
high-frequency clock sources, designated LFINTOSC
and HFINTOSC. (see Internal Oscillator Block,
Figure 6-1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com