Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2369 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 2N2369
Description  HIGH-FREQUENCY SATURATED SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2369 Datasheet(HTML) 2 Page - STMicroelectronics

  2N2369 Datasheet HTML 1Page - STMicroelectronics 2N2369 Datasheet HTML 2Page - STMicroelectronics 2N2369 Datasheet HTML 3Page - STMicroelectronics 2N2369 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (T amb =25 °C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
I CBO
Collector Cutoff
Current (IE =0)
VCB =20 V
VCB =20 V
T amb =150
°C
0.4
30
µA
µA
V(BR) CBO
Collector-base Breakdown
Voltage (IE =0)
I C =10 µA40
V
V(BR) CE S
Collector-emitter Breakdown
Voltage (VBE =0)
I C =10 µA40
V
V(BR) CEO *
Collector-emitter Breakdown
Voltage (IB =0)
I C =10 mA
15
V
V(BR) EBO
Emitter-base Breakdown
Voltage (IC =0)
I E =10
µA
4.5
V
VCE (sat )*
Collector-emitter Saturation
Voltage
I C =10 mA
I B = 1 mA
0.2
0.25
V
VBE (sat) *
Base-emitter Saturation
Voltage
I C =10 mA
I B = 1 mA
0.7
0.75
0.85
V
h FE*
DC Current Gain
I C =10 mA
I C =100 mA
I C =10 mA
T amb =– 55
°C
VCE =1 V
VCE =2 V
VCE =1 V
40
20
20
120
f T
Transition Frequency
I C =10 mA
f = 100 MHz
VCE = 10 V
500
650
MHz
C CBO
Collector-base Capacitance
I E =0
f = 1 MHz
VCB = 5 V
2.5
4
pF
t s
Storage Time
I C =10 mA
I B1 =–
VCC =10 V
I B2 =10 mA
613
ns
t on
Turn-on Time
I C =10 mA
I B1 =3 mA
VCC = 3 V
9
12
ns
t off
Turn-off Time
I C =10 mA
I B1 =3 mA
VCC =3 V
I B2 = – 1.5 mA
13
18
ns
* Pulsed : pulse duration = 300
µs, duty cycle = 1 %.
THERMAL DATA
Rth j-cas e
R th j-amb
Thermal Resistance Junction-case
Thermal Resistance Junction-ambient
Max
Max
146
486
°C/W
°C/W
2N2369
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com