Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3SF2 Datasheet(PDF) 5 Page - Semtech Corporation

Part # 3SF2
Description  Axial Leaded Hermetically Sealed Fast Rectifier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

3SF2 Datasheet(HTML) 5 Page - Semtech Corporation

  3SF2 Datasheet HTML 1Page - Semtech Corporation 3SF2 Datasheet HTML 2Page - Semtech Corporation 3SF2 Datasheet HTML 3Page - Semtech Corporation 3SF2 Datasheet HTML 4Page - Semtech Corporation 3SF2 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
 2007 Semtech Corp.
www.semtech.com
POWER DISCRETES
1N5415 THRU 1N5420
3SF05 THRU 3SF6
Semtech Corporation
Power Discretes Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Contact Information
Outline Drawing
r
e
b
m
u
N
t
r
a
Pn
o
i
t
p
i
r
c
s
e
D
5
1
4
5
N
1
6
1
4
5
N
1
7
1
4
5
N
1
8
1
4
5
N
1
9
1
4
5
N
1
0
2
4
5
N
1
5
0
F
S
3
1
F
S
3
2
F
S
3
4
F
S
3
5
F
S
3
6
F
S
3
d
e
l
a
e
s
y
ll
a
c
it
e
m
r
e
h
d
e
d
a
e
l
l
a
i
x
A
)
1
(
Note:
(1) Available in bulk and tape and reel packaging. Please
consult factory for quantities.
Ordering Information
Note:
(1) Lead diameter uncontrolled over this region.
Weight = 0.04oz
s
n
o
i
s
n
e
m
i
D
M
I
D N
s
e
h
c
n
Is
r
e
t
e
m
il
li
Me
t
o
N
N
I
MX
A
MN
I
MX
A
M
A5
3
1
.
08
1
.
03
4
.
37
5
.
4-
B9
.
03
.
19
.
2
20
.
3
3-
C3
1
.
07
1
.
03
.
32
3
.
4-
D-
5
0
.
0-
7
2
.
11
E7
3
0
.
02
4
0
.
04
9
.
07
0
.
1-
G4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com