Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0832021 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0832021
Description  LS-EMLP (17X9) YE CUS - Device marker
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0832021 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0832021 Datasheet HTML 1Page - PHOENIX CONTACT 0832021 Datasheet HTML 2Page - PHOENIX CONTACT 0832021 Datasheet HTML 3Page - PHOENIX CONTACT 0832021 Datasheet HTML 4Page - PHOENIX CONTACT 0832021 Datasheet HTML 5Page - PHOENIX CONTACT 0832021 Datasheet HTML 6Page - PHOENIX CONTACT 0832021 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Device marker, Sheet, yellow, labeled according to customer specifications, mounting type:
adhesive, Number of individual labels: 170, text field height: 9 mm, text field width: 17 mm
Your advantages
Stick-on device marking
•
Commercial data
Item number
0832021
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG814D
Catalog page
Page 259 (NTK-2014)
GTIN
4046356931519
Weight per piece (including packing)
4 g
Weight per piece (excluding packing)
4 g
Country of origin
PL
LS-EMLP (17X9) YE CUS - Device marker
0832021
https://www.phoenixcontact.com/us/products/0832021
Jun 5, 2025, 5:21AM
Page 1 (7)


Similar Part No. - 0832021

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0832020 PHOENIX-0832020 Datasheet
103Kb / 1P
LS-EMLP (17X7) YE CUS - Device marker
0832022 PHOENIX-0832022 Datasheet
202Kb / 7P
LS-EMLP (17,5X12) YE CUS - Device marker
0832023 PHOENIX-0832023 Datasheet
201Kb / 7P
LS-EMLP (17,5X15) YE CUS - Device marker
0832024 PHOENIX-0832024 Datasheet
201Kb / 7P
LS-EMLP (20X7) YE CUS - Device marker
0832025 PHOENIX-0832025 Datasheet
201Kb / 7P
LS-EMLP (20X8) YE CUS - Device marker
More results

Similar Description - 0832021

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830508 PHOENIX-0830508 Datasheet
51Kb / 2P
Device marker - EMLP-AL (27X15)
0830509 PHOENIX-0830509 Datasheet
46Kb / 3P
Device marker - EMLP-AL (27X18)
0830511 PHOENIX-0830511 Datasheet
46Kb / 3P
Device marker - EMLP-AL (49X15)
0830514 PHOENIX-0830514 Datasheet
46Kb / 3P
Device marker - EMLP-AL (85,6X54)
0830515 PHOENIX-0830515 Datasheet
52Kb / 2P
Device marker - EMLP-AL (100X60)
0824471 PHOENIX-0824471 Datasheet
48Kb / 2P
Contactor marker ??zack marker strip - SS-ZB YE CUS
0824940 PHOENIX-0824940 Datasheet
57Kb / 2P
Zack marker strip - ZB 10/YE CUS
0824976 PHOENIX-0824976 Datasheet
56Kb / 2P
Zack marker strip - ZB 5/YE CUS
0822628 PHOENIX-0822628 Datasheet
60Kb / 4P
Plastic label - UC-EMLP (17X9) YE
09/11/2020
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com