Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM83 Datasheet(PDF) 13 Page - Microchip Technology

Part # BM83
Description   BM83 Bluetooth® Stereo Audio Module Data Sheet
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 13 Page - Microchip Technology

Back Button BM83 Datasheet HTML 9Page - Microchip Technology BM83 Datasheet HTML 10Page - Microchip Technology BM83 Datasheet HTML 11Page - Microchip Technology BM83 Datasheet HTML 12Page - Microchip Technology BM83 Datasheet HTML 13Page - Microchip Technology BM83 Datasheet HTML 14Page - Microchip Technology BM83 Datasheet HTML 15Page - Microchip Technology BM83 Datasheet HTML 16Page - Microchip Technology BM83 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
...........continued
Pin
Number
Pin Name
Pin
Type
Description
24
SYS_PWR
P
• System power output derived from the ADAP_IN or BAT_IN
input
• Only for internal use
• Do not connect to any other devices
• LED1 and LED2 can be connected to SYS_PWR
25
VDD_IO
P
I/O power supply, do not connect, for internal use only (connected to
LDO31_VO)
26
PWR (MFB)
I
Multi-function push button and Power On key
27
SK1_AMB_DET
I
Temperature sense channel 1
28
SK2_KEY_AD
I
Temperature sense channel 2
29
P8_6 / UART_RXD
I/O
• General purpose I/O port P8_6
• UART RX data
30
P8_5 / UART_TXD
I/O
• General purpose I/O port P8_5
• UART TX data
31
P3_4 / UART_RTS
I/O
• General purpose I/O port P3_4
• System configuration pin (Application mode or Test mode)
• UART RTS
32
LED1
I
LED driver 1
33
P0_2
I/O
• General purpose I/O port P0_2
• By default, this is configured as play/pause button (user
configurable button)
34
LED2
I
LED driver 2
35
P0_6
I/O
• General purpose I/O port P0_6
36
DM
I/O
USB data minus data line
37
DP
I/O
USB data positive data line
38
P0_3
I/O
• General purpose I/O port P0_3
• By default, this is configured as reverse button (user
configurable button)
39
P2_7
I/O
• General purpose I/O port P2_7
• By default, this is configured as volume up button (user
configurable button)
40
P0_5
I/O
• General purpose I/O port P0_5
• By default, this is configured as volume down button (user
configurable button)
41
P1_6 / PWM1
I/O
• General purpose I/O port P1_6
• PWM1 output
42
P2_3
I/O
General purpose I/O port P2_3
43
RST_N
I
System Reset pin (active-low)
BM83
Device Overview
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com