Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRN4012BTA-R47M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRN4012BTA-R47M
Description  SRN4012BTA Series - Semi-shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRN4012BTA-R47M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRN4012BTA-R47M Datasheet HTML 1Page - Bourns Electronic Solutions SRN4012BTA-R47M Datasheet HTML 2Page - Bourns Electronic Solutions SRN4012BTA-R47M Datasheet HTML 3Page - Bourns Electronic Solutions SRN4012BTA-R47M Datasheet HTML 4Page - Bourns Electronic Solutions SRN4012BTA-R47M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SRN4012BTA Series - Semi-shielded Power Inductors
Features
n
Semi-shielded construction
n
Bottom soldered lead-wire for enhanced product reliability
n
AEC-Q200 compliant
n
RoHS compliant* and halogen free**
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Electrical Specifications @ 25 °C
Bourns Part No.
Inductance @
100 kHz / 1 V
Q
@
1 MHz
Min.
SRF
(MHz)
Typ.
DCR
(mW)
Typ.
DCR
(mW)
Max.
Irms
(A)
Typ.
Isat
(A)
Typ.
L (mH) Tol. %
SRN4012BTA-R47M
0.47
20
10
238
25
30
5.5
5.0
SRN4012BTA-R68M
0.68
20
10
188
36
43
5.0
4.6
SRN4012BTA-1R0M
1.0
20
10
140
43
52
4.4
4.0
SRN4012BTA-1R2M
1.2
20
10
138
44
53
4.2
3.8
SRN4012BTA-1R5M
1.5
20
10
110
52
62.4
3.9
3.3
SRN4012BTA-2R2M
2.2
20
10
92
66
79.2
3.3
2.5
SRN4012BTA-3R3M
3.3
20
10
76
81.6
98
2.8
1.9
SRN4012BTA-4R7M
4.7
20
10
65
112
134
2.5
1.6
SRN4012BTA-5R6M
5.6
20
10
53
135
162
2.1
1.4
SRN4012BTA-6R8M
6.8
20
10
45
165
198
1.8
1.25
SRN4012BTA-100M
10
20
10
29
230
276
1.4
1.0
SRN4012BTA-150M
15
20
10
27
320
384
1.2
0.9
SRN4012BTA-220M
22
20
10
23
470
564
1.0
0.7
SRN4012BTA-330M
33
20
10
19
850
1020
0.8
0.6
SRN4012BTA-470M
47
20
10
16
1100
1320
0.65
0.48
General Specifications
Operating Temperature
.................................. -55 °C to +125 °C
(Temperature rise included)
Storage Temperature
(Component on board)
.................................. -55 °C to +125 °C
(In tape and reel package)
.............. -10 °C to +40 °C, 50-60 % RH
Temperature Rise ......40 °C at rated Irms1
Rated Current
..............Inductance drops 30 % at Isat
Moisture Sensitivity Level......................1
ESD Classification (HBM)..................N/A
Note 1: Circuit design, component, PCB trace
size and thickness, airflow and other cooling
provisions all affect the part temperature. Part
temperature should be verified in the end
application.
Materials
Core.............................................. Ferrite
Wire .............................Enameled copper
Terminal Finish ..........................Ag/Ni/Sn
Coating ............................ Magnetic resin
Packaging...... 4000 pcs. per 13-inch reel
Product Dimensions
4.0 ± 0.2†
(.157 ± .008)
4.0 ± 0.2†
(.157 ± .008)
3.5 ± 0.3
(.138 ± .012)
1.0 ± 0.2†
(.039 ± .008)
1.2 ± 0.3
(.047 ± .012)
TOP VIEW
SIDE VIEW
BOTTOM VIEW
DIMENSIONS:
MM
(INCHES)
Electrical Schematic
How to Order
SRN4012BTA - R47M
Model
Value Code (see table)
†
Dimension does not include termination. For
maximum overall dimensions with termination,
add 0.1 mm (.004 in.).
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br)
and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are
subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING Cancer and Reproductive Harm
www.P65Warnings.ca.gov
DIMENSIONS:
MM
(INCHES)
Recommended Layout
4.5
(.177)
4.5
(.177)
1.5
(.059)
AUTOMOTIVE
GRADE


Similar Part No. - SRN4012BTA-R47M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRN4012T BOURNS-SRN4012T Datasheet
234Kb / 4P
SRN4012T Series - Semi-shielded Power Inductors
REV. 05/15
SRN4012T-100M BOURNS-SRN4012T-100M Datasheet
234Kb / 4P
SRN4012T Series - Semi-shielded Power Inductors
REV. 05/15
SRN4012T-150M BOURNS-SRN4012T-150M Datasheet
234Kb / 4P
SRN4012T Series - Semi-shielded Power Inductors
REV. 05/15
SRN4012T-1R0M BOURNS-SRN4012T-1R0M Datasheet
234Kb / 4P
SRN4012T Series - Semi-shielded Power Inductors
REV. 05/15
SRN4012T-1R5M BOURNS-SRN4012T-1R5M Datasheet
234Kb / 4P
SRN4012T Series - Semi-shielded Power Inductors
REV. 05/15
More results

Similar Description - SRN4012BTA-R47M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRN3015 BOURNS-SRN3015 Datasheet
347Kb / 2P
Semi-shielded Power Inductors
SRN4018 BOURNS-SRN4018 Datasheet
313Kb / 2P
Semi-shielded Power Inductors
SRN1060-100M BOURNS-SRN1060-100M Datasheet
329Kb / 2P
Semi-shielded Power Inductors
SRN8040 BOURNS-SRN8040_13 Datasheet
334Kb / 2P
Semi-shielded Power Inductors
SRN2010TA BOURNS-SRN2010TA Datasheet
246Kb / 3P
Semi-shielded Power Inductors
SRN3012TA BOURNS-SRN3012TA Datasheet
241Kb / 3P
Semi-shielded Power Inductors
SRN2009T BOURNS-SRN2009T Datasheet
416Kb / 4P
Semi-shielded Power Inductors
SRN3010TA BOURNS-SRN3010TA Datasheet
429Kb / 4P
Semi-shielded Power Inductors
SRN5020TA BOURNS-SRN5020TA Datasheet
587Kb / 5P
Semi-shielded Power Inductors
SRN6028C BOURNS-SRN6028C Datasheet
144Kb / 5P
Semi-shielded Power Inductors
Mar 31, 2015
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com