Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRN4018BTA-R56M Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SRN4018BTA-R56M
Description  SRN4018BTA Series - Semi-shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRN4018BTA-R56M Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SRN4018BTA-R56M Datasheet HTML 1Page - Bourns Electronic Solutions SRN4018BTA-R56M Datasheet HTML 2Page - Bourns Electronic Solutions SRN4018BTA-R56M Datasheet HTML 3Page - Bourns Electronic Solutions SRN4018BTA-R56M Datasheet HTML 4Page - Bourns Electronic Solutions SRN4018BTA-R56M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SRN4018BTA Series – Semi-shielded Power Inductors
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
L vs. I Charts (continued)
18.00
14.40
10.80
7.20
3.60
0
25.00
20.00
15.00
10.00
5.00
0
40.00
32.00
24.00
16.00
8.00
0
120.00
96.00
72.00
48.00
24.00
0
0
0.26
0.52
0.78
1.04
1.30
0
0.14
0.28
0.42
0.56
0.70
DC Current (A)
100
80
60
40
20
0
80
64
48
32
16
0
100
80
60
40
20
0
100
80
60
40
20
0
SRN4018BTA-150M
0
0.20
0.40
0.60
0.80
1.00
DC Current (A)
0
0.16
0.32
0.48
0.64
0.80
DC Current (A)
0
0.09
0.18
0.27
0.36
0.45
DC Current (A)
SRN4018BTA-220M
SRN4018BTA-330M
SRN4018BTA-101M
60.00
48.00
36.00
24.00
12.00
0
85.00
68.00
51.00
34.00
17.00
0
DC Current (A)
0
0.14
0.28
0.42
0.56
0.70
DC Current (A)
100
80
60
40
20
0
100
80
60
40
20
0
SRN4018BTA-470M
SRN4018BTA-680M
13.00
10.40
7.80
5.20
2.60
0
80
64
48
32
16
0
0
0.30
0.60
0.90
1.20
1.50
DC Current (A)
SRN4018BTA-100M



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com