Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRN8040HA-R50Y Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SRN8040HA-R50Y
Description  SRN8040HA Series - Semi-shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRN8040HA-R50Y Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SRN8040HA-R50Y Datasheet HTML 1Page - Bourns Electronic Solutions SRN8040HA-R50Y Datasheet HTML 2Page - Bourns Electronic Solutions SRN8040HA-R50Y Datasheet HTML 3Page - Bourns Electronic Solutions SRN8040HA-R50Y Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SRN8040HA Series - Semi-shielded Power Inductors
Packaging Specifications
330
(13)
21 ± 0.8
(.827 ± .031)
2.0 ± 0.5
(.079 ± .020)
13 ± 0.5
(.512 ± .020)
DIA.
13 ± 0.5
(.512 ± .020)
DIA.
16
(.630)
EMBOSSED CARRIER
COVER TAPE
18 + 0
(.709 + 0)
50 - 0
(1.969 - 0)
22.4
(.882)
END
START
4
(.157)
12
(.472)
800
(31.5)
MIN.
LEADER
NO COMPONENT
COMPONENTS
2000
(78.74)
MIN.
TRAILER
NO COMPONENT
USER DIRECTION OF FEED
QTY: 1000 PCS PER REEL
DIMENSIONS:
MM
(INCHES)
REV. 06/23
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Soldering Profile
250
200
150
100
50
0
0
50
100
150
200
250
Temperature
Rising Area
Preheat
Area
Reflow
Area
Forced Cooling
Area
+4.0 °C/sec. max.
+3.0 °C/sec. max.
150~200 °C / 60~120 sec.
-(1.0~5.0) °C/sec. max.
60~120 sec.
60~150 sec.
60 sec.
max.
Peak Temperature: 250 °C
217 °C
Peak Temp.: 250 °C max.
Max. Peak Temp.: -5 °C
30 sec. max
Max. Time Above 217 °C:
60~150 sec. max.
Time (Seconds)
Asia-Pacific: Tel: +886-2 2562-4117
Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877
Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500
Email: americus@bourns.com
www.bourns.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com