Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP7028CC-R15Y Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SRP7028CC-R15Y
Description  SRP7028CC Series - Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP7028CC-R15Y Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SRP7028CC-R15Y Datasheet HTML 1Page - Bourns Electronic Solutions SRP7028CC-R15Y Datasheet HTML 2Page - Bourns Electronic Solutions SRP7028CC-R15Y Datasheet HTML 3Page - Bourns Electronic Solutions SRP7028CC-R15Y Datasheet HTML 4Page - Bourns Electronic Solutions SRP7028CC-R15Y Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SRP7028CC Series - Shielded Power Inductors
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
L vs. IDC and Temperature vs. IDC Curves (continued)
1.0
0.8
0.6
0.4
0.2
0
1.5
1.2
0.9
0.6
0.3
0
0
5.5
11.0
16.5
22.0
27.5
DC Current (A)
0
5.5
11.0
16.5
22.0
27.5
DC Current (A)
100
80
60
40
20
0
100
80
60
40
20
0
SRP7028CC-R68M
3.0
2.4
1.8
1.2
0.6
0
0
3.5
7.0
10.5
14.0
17.5
0
3
6
9
15
12
DC Current (A)
100
80
60
40
20
0
SRP7028CC-2R2M
10.0
8.0
6.0
4.0
2.0
0
02468
10
DC Current (A)
100
80
60
40
20
0
SRP7028CC-6R8M
12.0
9.6
7.2
4.8
2.4
0
0
1.5
3.0
4.5
6.0
7.5
DC Current (A)
100
80
60
40
20
0
SRP7028CC-8R2M
20.0
16.0
12.0
8.0
4.0
0
0
1.0
2.0
3.0
4.0
5.0
DC Current (A)
100
80
60
40
20
0
SRP7028CC-150M
30.0
24.0
18.0
12.0
6.0
0
0
0.8
1.6
2.4
3.2
4.0
DC Current (A)
100
80
60
40
20
0
SRP7028CC-220M
15.0
12.0
9.0
6.0
3.0
0
0
1.5
3.0
4.5
6.0
7.5
DC Current (A)
100
80
60
40
20
0
SRP7028CC-100M
4.5
3.6
2.7
1.8
0.9
0
DC Current (A)
100
80
60
40
20
0
SRP7028CC-3R3M
6.5
5.2
3.9
2.6
1.3
0
0
2.5
5.0
7.5
10.0
12.5
DC Current (A)
100
80
60
40
20
0
SRP7028CC-4R7M
SRP7028CC-1R0M
2.0
1.6
1.2
0.8
0.4
0
0
4
8
12
16
20
DC Current (A)
100
80
60
40
20
0
SRP7028CC-1R5M



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com