Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLSK1100C Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLSK1100C
Description  Panel Circuit Indicator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSK1100C Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLSK1100C Datasheet HTML 1Page - Toshiba Semiconductor TLSK1100C Datasheet HTML 2Page - Toshiba Semiconductor TLSK1100C Datasheet HTML 3Page - Toshiba Semiconductor TLSK1100C Datasheet HTML 4Page - Toshiba Semiconductor TLSK1100C Datasheet HTML 5Page - Toshiba Semiconductor TLSK1100C Datasheet HTML 6Page - Toshiba Semiconductor TLSK1100C Datasheet HTML 7Page - Toshiba Semiconductor TLSK1100C Datasheet HTML 8Page - Toshiba Semiconductor TLSK1100C Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TL(RK,RMK,SK,OK,YK)1100C(T11)
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
Product Name
Forward Current
IF (mA)
Please see Note 1
Reverse Voltage
VR (V)
Power Dissipation
PD (mW)
Operation
Temperature
Topr (°C)
Storage
Temperature
Tstg (°C)
TLRK1100C
TLRMK1100C
TLSK1100C
TLOK1100C
TLYK1100C
30
4
75
−40~100
−40~100
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Forward current derating
Electrical Characteristics (Ta = 25°C)
Forward Voltage VF
Reverse Current
IR
Product Name
Min
Typ.
Max
IF
Max
VR
TLRK1100C
1.8
2.1
2.5
TLRMK1100C
1.8
2.1
2.5
TLSK1100C
1.8
2.1
2.5
TLOK1100C
1.8
2.1
2.5
TLYK1100C
1.8
2.2
2.5
20
10
4
Unit
V
mA
μA
V
Ambient temperature Ta (°C)
)
IF – Ta
0
0
20
40
60
80
100
120
40
50
10
20
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com