Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGS2313 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # TGS2313
Description  4 – 18 GHz VPIN SP3T Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGS2313 Datasheet(HTML) 2 Page - Qorvo, Inc

  TGS2313 Datasheet HTML 1Page - Qorvo, Inc TGS2313 Datasheet HTML 2Page - Qorvo, Inc TGS2313 Datasheet HTML 3Page - Qorvo, Inc TGS2313 Datasheet HTML 4Page - Qorvo, Inc TGS2313 Datasheet HTML 5Page - Qorvo, Inc TGS2313 Datasheet HTML 6Page - Qorvo, Inc TGS2313 Datasheet HTML 7Page - Qorvo, Inc TGS2313 Datasheet HTML 8Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TGS2313
4
– 18 GHz VPIN SP3T Switch
Data Sheet Rev. A
– Feb 3, 2021
- 2 of 8 -
www.qorvo.com
Recommended Operating Conditions
Parameter
Min
Typ
Max Units
Frequency
4
18
GHz
Input Power Handling
(CW)
24
dBm
Control Current (ICONTROL)
±20
mA
Electrical
specifications
are
measured
at
specified
test
conditions.
Specifications are not guaranteed over all
recommended operating conditions.
Absolute Maximum Ratings
Parameter
Value
Positive Supply Voltage (V+)
+3 V
Negative Supply Voltage (V-)
-3 V
Positive Supply Current (I+)
22 mA
Power Dissipation, (PDISS), CW, T = 25ºC
0.45 W
RF Input Power, CW, 50
Ω, T = 25ºC
24 dBm
Mounting Temperature (30 sec)
320 °C
Storage Temperature
-65 to 150
°C
Operation of this device outside the parameter ranges
given above may cause permanent damage. These are
stress ratings only, and functional operation of the device
at these conditions is not implied.
Electrical Specifications
Test conditions unless otherwise noted: CW RF Input, Temp = +25 °C, Bias Conditions: Ic = ±20 mA,
see Function Table on page 4
Parameter
Conditions
Min
Typical
Max
Units
Operational Frequency Range
4
18
GHz
Insertion Loss
On-State
1.0
dB
Input Return Loss
– Common Port RL
On-State
12
dB
Output Return Loss
– Switched Port RL
On-State
12
dB
Isolation
Off-State
35
dB
Input Power
24
dBm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com