Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQL9062 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # TQL9062
Description  High Linearity Gain Block with Shutdown
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TQL9062 Datasheet(HTML) 2 Page - Qorvo, Inc

  TQL9062 Datasheet HTML 1Page - Qorvo, Inc TQL9062 Datasheet HTML 2Page - Qorvo, Inc TQL9062 Datasheet HTML 3Page - Qorvo, Inc TQL9062 Datasheet HTML 4Page - Qorvo, Inc TQL9062 Datasheet HTML 5Page - Qorvo, Inc TQL9062 Datasheet HTML 6Page - Qorvo, Inc TQL9062 Datasheet HTML 7Page - Qorvo, Inc TQL9062 Datasheet HTML 8Page - Qorvo, Inc TQL9062 Datasheet HTML 9Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TQL9062
High Linearity Gain Block with Shutdown
Data Sheet, April 30, 2018 | Subject to change without notice
2 of 9
www.qorvo.com
®
Recommended Operating Conditions
Parameter
Min
Typ
Max Units
Supply Voltage (VDD)
3.3
5.0
5.25
V
TCASE
−40
+105
°C
Tj for >106 hours MTTF
+190
°C
Electrical specifications are measured at specified test
conditions. Specifications are not guaranteed over all
recommended operating conditions.
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−65 to 150°C
Supply Voltage (VDD)
+7 V
RF Input Power, CW, 50Ω, T=25°C
+33 dBm
RF Input Power, WCDMA, 10dB PAR
+27 dBm
RF Input Power, CW, OFF State
+33 dBm
Operation of this device outside the parameter ranges
given above may cause permanent damage.
Electrical Specifications
Test conditions unless otherwise noted:
VDD =+5V, Temp=+25°C, 50 Ω system.
Parameter
Conditions
Min
Typ
Max
Units
Operational Frequency Range
500
6000
MHz
Test Frequency
3500
MHz
Gain
15
16.5
18
dB
Input Return Loss
13
dB
Output Return Loss
18
dB
Noise Figure(1)
1.4
dB
Output P1dB
+21.3
dBm
Output IP3
Pout=+7
dBm/tone, Δf=1 MHz
+35
+41
dBm
Power Shutdown Control (pin 6)
On state
0
0.63
V
Off state (Power down)
1.17
VDD
V
Current, IDD
On state
80
122
150
mA
Off state (Power down)
3
mA
Shutdown pin current, ISD
VPD
≥ 1.17 V
200
µA
Switching Speed
LNA ON to OFF
520
ns
LNA OFF to ON
450
ns
Thermal Resistance, θjc
channel to case
48
°C/W
Note: 1) Noise figure data has input trace loss de-embedded.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com