Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW8P Datasheet(PDF) 1 Page - Amphenol Sine Systems Corp.

Part # AW8P
Description  RELEASE NEW DWG FORMAT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASS [Amphenol Sine Systems Corp.]
Direct Link  https://www.amphenol-sine.com/
Logo ASS - Amphenol Sine Systems Corp.

AW8P Datasheet(HTML) 1 Page - Amphenol Sine Systems Corp.

  AW8P Datasheet HTML 1Page - Amphenol Sine Systems Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AW8P
44724 Morley Drive
Clinton Township, MI 48036
Sine Systems - www.amphenol-sine.com
Amphenol
MATERIALS LIST
SIZE
PROCESS SPECIFICATIONS:
MATERIAL SPECIFICATIONS:
UNLESS OTHERWISE SPECIFIED
3 PL DEC ±0.08
1) All dimensions are in metric(mm).
2) Tolerances are as follows:
1 PL DEC ±0.30
2 PL DEC ±0.15
QUANTITY
SIGNATURES
Fractions ±1/64
Angles ±1°
APPROVAL:
ENGINEER:
CHECKED:
DRAWN:
SCALE:
DATE
PART NUMBER
REVISION
DWG NO:
C-
TYPE
SHEET
OF
ITEM
DESCRIPTION
THIS DRAWING IS SUPPLIED FOR
INFORMATION ONLY. DESIGN FEATURES,
SPECIFICATIONS AND PERFORMANCE DATA
SHOWN HEREON ARE THE PROPERTY OF
THE AMPHENOL CORPORATION. NO RIGHTS
OF REPRODUCTION ARE IMPLIED. ALL
DIMENSIONS ARE SUBJECT TO NORMAL
MANUFACTURING VARIATIONS.
CUSTOMER:
NEXT ASS'Y:
X
3) Note reference =
A
AW8P
A3
11
D.PARKS
18/SEP/13
NONE
P-WEDGELOCK, 8 POSITION, AT SERIES
NOTES: UNLESS OTHERWISE SPECIFIED
1. MATERIAL: THERMOPLASTIC; COLOR: GREEN
2. RoHS COMPLIANT
3. CAVITIES: 8
4. KEYED: N/A
5. USE WITH CONNECTORS AT04-08P*
( * = MODIFICATIONS AND COLORS )
6. ALL DIMENSIONS ARE FOR REFERENCE USE ONLY.
TITLE:
DWG NO:
REV:
SH:
OF:
REV
DESCRIPTION
DATE
REVISIONS
ECO
APPR
BY
1
1
A3
AW8P
P-WEDGELOCK, 8 POSITION, AT SERIES
RELEASE NEW DWG FORMAT
18/SEP/13
DRP
A3
19.2
21
7.4


Similar Part No. - AW8P

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AW8P AMPHENOL-AW8P Datasheet
63Kb / 1P
HOUSING COLOR GREEN
More results

Similar Description - AW8P

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
90-270X-X ATM-90-270X-X Datasheet
117Kb / 1P
OUTLINE DWG. WR90 VIDEO DETECTOR
logo
Tyco Electronics
WP-040040-25-9 MACOM-WP-040040-25-9 Datasheet
2Mb / 48P
Label format - Old format order code cross reference
logo
Assmann Electronics Inc...
A-IE-S-DIP ASSMANN-A-IE-S-DIP Datasheet
244Kb / 1P
NEW RELEASE PER ECA
logo
List of Unclassifed Man...
SGC3S060 ETC2-SGC3S060 Datasheet
110Kb / 1P
OUTLINE DWG SGC3 PRODUCT LINE
logo
E-SWITCH
14-PA5F32C E-SWITCH-14-PA5F32C Datasheet
163Kb / 1P
NEW RELEASE
logo
All Sensors Corporation
CFFD ASC-CFFD Datasheet
323Kb / 1P
CFFD Package Dwg
CFND ASC-CFND Datasheet
389Kb / 1P
CFND Package Dwg
CFNQ ASC-CFNQ Datasheet
244Kb / 1P
CFNQ Package Dwg
CFNT ASC-CFNT Datasheet
405Kb / 1P
CFNT Package Dwg
logo
List of Unclassifed Man...
DS1095-05 ETC-DS1095-05 Datasheet
137Kb / 1P
NEW RELEASE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com