Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24236/2 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # M24236/2
Description  Extreme Temperature Protection Probe–Type Thermal Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

M24236/2 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  M24236/2 Datasheet HTML 1Page - Sensata Technologies, Inc. M24236/2 Datasheet HTML 2Page - Sensata Technologies, Inc. M24236/2 Datasheet HTML 3Page - Sensata Technologies, Inc. M24236/2 Datasheet HTML 4Page - Sensata Technologies, Inc. M24236/2 Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.sensata.com
Page 2
Copyright © 2018 Sensata Technologies, Inc.
Characteristics
Contact Resistance
0.100 ohms per MIL-STD-202, Method 307
Contact resistance shown is for the 11041 (M1) thermostat and does not
include resistance of wire leads or connector.
Dielectric Strength
1250 VAC, rms, 60 cycles for 1 minute, terminal to case
1000 VAC, 60 cycles for 1 minute, terminal to terminal with contacts open per
MIL-STD-202, Method 301
Salt Spray Resistance
Per MIL-STD-202, Method 101, Condition B, 5% Solution
Ambient Temperature Range
-80°F to 550°F, (-62.2°C to 287.8°C)
Maximum ambient exposure while in the closed position is 200°F above
contact closing temperature.
Operating Temperature Range
-65°F to 550°F, (-53.9°C to 287.8°C)
Operating Temperature
Differential
Tolerance
°F
°C
°F
°C
±°F
±°C
-65 to - 1
-53.9 to -18.4
30
16.7
12
6.7
0 to 200
-17.8 to 93.3
20
11.1
7
3.9
201 to 300
93.9 to 148.9
30
16.7
10
5.6
301 to 450
149.5 to 223.2
40
22.2
14
7.8
451 to 550
223.8 to 287.8
70
38.9
30
16.7
* Tolerances based on precision factory calibration and test equipment. Customers checking tolerances should allow for differences in test equipment of ±1°F.
Temperature settings outside the ranges indicated or to closer tolerances will be considered on special request.
CONFIGURATIONS
Standard 11041 (M1) probe packages are comprised of the following physical features, but many other variants are available. The standard material is
stainless steel, but nickel plated brass versions are available.
PLEASE NOTE: The orientation of the connector with respect to the package body is not controlled.
Probe Body Thread Sizes
Standard lengths are available in ½” increments from 1.5” to 6”.
Termination
Standard connector is a Sealtron B8002G-10SL-4P-F (or equivalent)
Standard wire leads are AWG #18 stranded wire with white or black Teflon*
insulation (per MIL-W-22759) (Teflon is a trademark of E. I. Dupont de Namers
and Co.)
Other
Other styles are available, as well as custom designs
21542
¾” - 16 thread/connector
21543
½” pipe thread/leads
21548
¾” - 16 thread/leads
21549
½” pipe thread/connector
28303 (4344 thermostat)
½-14 PTF (SAE Short) Thread/brass body
28509 (4344 thermostat)
M30 x 3.5 thread / spring loaded body
Configuration Options
Standard Part Numbers and Configurations
Custom configurations are available
Many other styles are available, including SPDT.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com