Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRC-0807 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # DRC-0807
Description  Radial Coil Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

DRC-0807 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  DRC-0807 Datasheet HTML 1Page - Bel Fuse Inc. DRC-0807 Datasheet HTML 2Page - Bel Fuse Inc. DRC-0807 Datasheet HTML 3Page - Bel Fuse Inc. DRC-0807 Datasheet HTML 4Page - Bel Fuse Inc. DRC-0807 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 | Tel 516-239-5777 | Fax 516-239-7208
sales@signaltransformer.com | techhelp@signaltransformer.com
Custom versions available upon request.
© 2023 Signal Transformer
Specifications subject to change without notice
DRC Series Aug 16 2023
DRC-0608 / DRC-0707 / DRC-0807 Series Datasheet
RoHS
Compliant
PRODUCT IDENTIFICATION
MECHANICAL SPECIFICATIONS
Dimensions are in mm.
SERIES
A
B
Min
C
D
Max
E
± 0.05
DRC-0608
11.0
15.0
2.5 ± 0.5
7.5
0.65
DRC-0707
9.5
15.0
5.0 ± 1.0
8.5
0.65
DRC-0807
9.5
15.0
5.0 ± 1.0
10.0
0.65
A
B
C
E
F
D
SCHEMATIC
DRC = Radial Drum Core Inductors
DRC - 0 6 0 8 - 470 K - UL
Type / Product Series
Core Size
0608 = OD = 6 mm, L = 8 mm
0707 = OD = 7 mm, L = 7 mm
0807 = OD = 8 mm, L = 7 mm
J = ±5%
K = ±10%
M = ±20%
Inductance Tolerance
470 = 47 μH
Inductance *
Sleeve
UL = UL Tape (black)
No code = No Sleeve
* Note: Expressed by three figures. The unit is micro henry (μH). The first and second figures are
significant digits, the third figure expresses the number of zeros which follow the two figures.
If there is a decimal point, it is expressed by the capital letter “R” (3R8 = 3.8 μH). In that case, all
figures are significant digits.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com