Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2D1-2012A-R47MC Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # F2D1-2012A-R47MC
Description  HIGH CURRENT POWER INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

F2D1-2012A-R47MC Datasheet(HTML) 2 Page - Bel Fuse Inc.

  F2D1-2012A-R47MC Datasheet HTML 1Page - Bel Fuse Inc. F2D1-2012A-R47MC Datasheet HTML 2Page - Bel Fuse Inc. F2D1-2012A-R47MC Datasheet HTML 3Page - Bel Fuse Inc. F2D1-2012A-R47MC Datasheet HTML 4Page - Bel Fuse Inc. F2D1-2012A-R47MC Datasheet HTML 5Page - Bel Fuse Inc. F2D1-2012A-R47MC Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
belfuse.com
Additional resources: Product page | 3D model | PCB footprint
Date 12/01/2024 | Page 2 of 6
BEL | SERIES: F2D1-2012A | DESCRIPTION: HIGH CURRENT POWER INDUCTORS
SAFETY AND COMPLIANCE
Parameter
Compliant
RoHS
Compliance with ROHS, Reach compliant and Halogen Free
ENVIROMENTAL
Parameter
Conditions
Min
Typ
Max
Units
Operating temperature
Including coils self-temeprature rise
-40
125
°C
Storage temperature
-40
125
°C
MECHANICAL
Parameter
Conditions
Min
Typ
Max
Units
Core material
Ferrite
Dimensions
21.8 x 18.0 x 14.5
mm
MECHANICAL DRAWING
Units: mm
MECHANICAL DIMENSIONS (mm)
Part number
R47-R82
1R0-1R5
2R2-8R2
100-150
220-330
Dimension A
1.40
0.90
0.70
0.40
0.35
Dimension B
1.90
1.40
1.20
0.90
0.85
ELECTRICAL DIAGRAM
1
2
3 (NC)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com