Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2D1-2014A-R70MC Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # F2D1-2014A-R70MC
Description  HIGH CURRENT POWER INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

F2D1-2014A-R70MC Datasheet(HTML) 4 Page - Bel Fuse Inc.

  F2D1-2014A-R70MC Datasheet HTML 1Page - Bel Fuse Inc. F2D1-2014A-R70MC Datasheet HTML 2Page - Bel Fuse Inc. F2D1-2014A-R70MC Datasheet HTML 3Page - Bel Fuse Inc. F2D1-2014A-R70MC Datasheet HTML 4Page - Bel Fuse Inc. F2D1-2014A-R70MC Datasheet HTML 5Page - Bel Fuse Inc. F2D1-2014A-R70MC Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
belfuse.com
Additional resources: Product page | 3D model | PCB footprint
Date 12/01/2024 | Page 4 of 6
BEL | SERIES: F2D1-2014A | DESCRIPTION: HIGH CURRENT POWER INDUCTORS
PERFORMANCE CURVES (CONTINUED)
REFLOW SOLDERING TEMPERATURE CURVE
T (s)
25
150
200
255
T (°C)
217
Preheat Area
60~120s
Time 25ºC to peak: 480s max
Max. Ramp up rate = 3ºC/s
Max. Ramp down rate = 6ºC/s
20~30
60~150s
T(s) max 200ºC
CLASSIFICATION OF PEAK PACKAGE BODY TEMPERATURE
Package Thickness
Package Volume
< 350 mm3
350
~ 2000 mm3
> 2000 mm3
PB-Free Assembly
< 1.6 mm
260
°C
260
°C
260
°C
1.6
~ 2.5 mm
260
°C
250
°C
245
°C
≥ 2.5 mm
250
°C
245
°C
245
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com