Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1950 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F1950
Description  6-bit 0.5dB Digital Step Attenuator 100MHz to 5000MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1950 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F1950 Datasheet HTML 9Page - Renesas Technology Corp F1950 Datasheet HTML 10Page - Renesas Technology Corp F1950 Datasheet HTML 11Page - Renesas Technology Corp F1950 Datasheet HTML 12Page - Renesas Technology Corp F1950 Datasheet HTML 13Page - Renesas Technology Corp F1950 Datasheet HTML 14Page - Renesas Technology Corp F1950 Datasheet HTML 15Page - Renesas Technology Corp F1950 Datasheet HTML 16Page - Renesas Technology Corp F1950 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
© 2021 Renesas Electronics Corporation
13
Sep 28, 2021
PIN DIAGRAM
NC
GND
NC
NC
*RF2
SDO
NC
VDD
GND
*RF1
NC
Exposed Pad
2
1
3
5
4
6
14
13
15
17
16
18
8
7
9
11
10
12
20
19
21
23
22
24
NC
TOP View
(looking through the top of the package)
* Device is RF Bi-Directional
PACKAGE OUTLINE DRAWING (4X4MM, 24 PIN)
The package outline drawings are appended at the end of this document and are accessible from the link below. The
package information is the most current data available.
https://www.renesas.com/us/en/document/psc/24-vfqfpn-package-outline-drawing-40-x-40-x-075-mm-body-05mm-
pitch-epad-26-x-26-mm-nbnbg24p2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com