Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1950 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # F1950
Description  6-bit Digital Step Attenuator 400 to 4000 MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1950 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button F1950 Datasheet HTML 8Page - Renesas Technology Corp F1950 Datasheet HTML 9Page - Renesas Technology Corp F1950 Datasheet HTML 10Page - Renesas Technology Corp F1950 Datasheet HTML 11Page - Renesas Technology Corp F1950 Datasheet HTML 12Page - Renesas Technology Corp F1950 Datasheet HTML 13Page - Renesas Technology Corp F1950 Datasheet HTML 14Page - Renesas Technology Corp F1950 Datasheet HTML 15Page - Renesas Technology Corp F1950 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
F1953 Datasheet
© 2022 Renesas Electronics Corporation
12
February 9, 2022
PACKAGE OUTLINE DRAWINGS
The package outline drawings for the 20-VFQFPN are located at the end of this document and are accessible from
the Renesas website. The package information is the most current data available and is subject to change without
revision of this document.
PIN DESCRIPTIONS
Pin #
Pin Name
Pin Function
1
D5
16dB Attenuation Control Bit. Pull high for 16dB ATTN.
2
RF1
Device RF input or output (bi-directional). Internally DC blocked.
3
DATA
Serial interface Data Input.
4
CLK
Serial interface Clock Input.
5
LE
Serial interface Latch Enable Input. Internal pull-up (100K ohm).
6
VDD
Power supply pin.
7
NC
No internal connection. These pins can be left unconnected, voltage applied, or
connected to ground (recommended).
8
NC
No internal connection. These pins can be left unconnected, voltage applied, or
connected to ground (recommended).
9
NC
No internal connection. These pins can be left unconnected, voltage applied, or
connected to ground (recommended).
10
NC
No internal connection. These pins can be left unconnected, voltage applied, or
connected to ground (recommended).
11
NC
No internal connection. These pins can be left unconnected, voltage applied, or
connected to ground (recommended).
12
NC
No internal connection. These pins can be left unconnected, voltage applied, or
connected to ground (recommended).
13
VMODE
Pull high for serial mode. Ground for Parallel control mode.
14
RF2
Device RF input or output (bi-directional). Internally DC blocked.
15
D4
8dB Attenuation Control Bit. Pull high for 8dB ATTN.
16
D3
4dB Attenuation Control Bit. Pull high for 4dB ATTN.
17
D2
2dB Attenuation Control Bit. Pull high for 2dB ATTN.
18
NC
No internal connection. These pins can be left unconnected, voltage applied, or
connected to ground (recommended).
19
D1
1dB Attenuation Control Bit. Pull high for 1dB ATTN.
20
D0
0.5dB Attenuation Control Bit. Pull high for 0.5dB ATTN.
EP
Exposed Paddle
Connect to Ground with multiple vias for good thermal relief.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com