Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1953 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # F1953
Description  6-Bit Digital Step Attenuator, 1MHz to 4000MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1953 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button F1953 Datasheet HTML 7Page - Renesas Technology Corp F1953 Datasheet HTML 8Page - Renesas Technology Corp F1953 Datasheet HTML 9Page - Renesas Technology Corp F1953 Datasheet HTML 10Page - Renesas Technology Corp F1953 Datasheet HTML 11Page - Renesas Technology Corp F1953 Datasheet HTML 12Page - Renesas Technology Corp F1953 Datasheet HTML 13Page - Renesas Technology Corp F1953 Datasheet HTML 14Page - Renesas Technology Corp F1953 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
F1912 Datasheet
R35DS0055EU0100 Rev.1.00
Nov 10, 2022
Page 11
3.3
Parallel Control Mode
For the F1912 the user has the option of running in one of two parallel modes. Direct Parallel Mode or Latched
Parallel Mode.
3.3.1.
Direct Parallel Mode
Direct Parallel Mode is selected when VMODE (pin 13) is less than VIL and LE (pin 5) is greater than VIH. In this
mode the device will immediately react to any voltage changes to the parallel control pins [pins 1, 15, 16, 17, 19,
20]. Use direct parallel mode for the fastest settling time.
3.3.2.
Latched Parallel Mode
Latched Parallel Mode is selected when VMODE is less than VIL and LE (pin 5) is toggled from less than VIL to
greater than VIH. To utilize Latched Parallel Mode:
■
Set LE < VIL
■
Adjust pins [pins 1, 15, 16, 17, 19, 20] to the desired attenuation setting. (Note the device will not react to
these pins while LE < VIL.)
■
Pull LE > VIH. The device will then transition to the attenuation settings reflected by pins D5 – D0.
Latched Parallel Mode implies a default state for when the device is first powered up with VMODE < VIL and LE
< VIL. In this case the default setting is MAXIMUM Attenuation.
Table 5 - Truth Table for the Parallel Control Word
D5
D4
D3
D2
D1
D0
Attenuation (dB)
0
0
0
0
0
0
0
0
0
0
0
0
1
0.5
0
0
0
0
1
0
1
0
0
0
1
0
0
2
0
0
1
0
0
0
4
0
1
0
0
0
0
8
1
0
0
0
0
0
16
1
1
1
1
1
1
31.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com