Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1956 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # F1956
Description  7-Bit 0.25dB Wideband Digital Step Attenuator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1956 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button F1956 Datasheet HTML 16Page - Renesas Technology Corp F1956 Datasheet HTML 17Page - Renesas Technology Corp F1956 Datasheet HTML 18Page - Renesas Technology Corp F1956 Datasheet HTML 19Page - Renesas Technology Corp F1956 Datasheet HTML 20Page - Renesas Technology Corp F1956 Datasheet HTML 21Page - Renesas Technology Corp F1956 Datasheet HTML 22Page - Renesas Technology Corp F1956 Datasheet HTML 23Page - Renesas Technology Corp F1956 Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
F1956 Datasheet
© 2015-2023 Renesas Electronics Corporation
21
April 21, 2023
APPLICATIONS INFORMATION
Power Supplies
A common VDD power supply should be used for all pins requiring DC power. All supply pins should be
bypassed with external capacitors to minimize noise and fast transients. Supply noise can degrade noise figure
and fast transients can trigger ESD clamps and cause them to fail. Supply voltage change or transients should
have a slew rate smaller than 1V/20µs. In addition, all control pins should remain at 0V (±0.3V) while the
supply voltage ramps or while it returns to zero.
Digital Pin Voltage and Resistance Values
The following table provides open-circuit DC voltage referenced to ground and resistance values for each of
the control pins listed.
Pin
Name
Open Circuit DC
Voltage
Internal Connection
3
VMODE
2.5V
100kΩ pull-up resistor to
internally regulated 2.5V
4, 21, 22
A0, A2, A1
0V
100kΩ resistor to GND
23, 24, 25 LE, CLK, DATA
2.5V
100kΩ pull-up resistor to
internally regulated 2.5V
26 – 32
D6 – D0
2.5V
100kΩ pull-up resistor to
internally regulated 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com