Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6921AVRI Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # F6921AVRI
Description  Dual-Channel Low Noise Amplifier 10.7 – 12.75 GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F6921AVRI Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button F6921AVRI Datasheet HTML 2Page - Renesas Technology Corp F6921AVRI Datasheet HTML 3Page - Renesas Technology Corp F6921AVRI Datasheet HTML 4Page - Renesas Technology Corp F6921AVRI Datasheet HTML 5Page - Renesas Technology Corp F6921AVRI Datasheet HTML 6Page - Renesas Technology Corp F6921AVRI Datasheet HTML 7Page - Renesas Technology Corp F6921AVRI Datasheet HTML 8Page - Renesas Technology Corp F6921AVRI Datasheet HTML 9Page - Renesas Technology Corp F6921AVRI Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
F6921 Datasheet
R35DS0092EU0102 Rev.1.02
Nov 14, 2024
Page 6
2.3 Recommended Operating Conditions
Parameter
Symbol
Minimum
Typical
Maximum
Unit
RF Frequency Range
fRF
10.7
-
12.75
GHz
Power Supply Voltage
VDD
0.9
0.95
1.0
V
Reference Bias Current at -40°C
IREF
43
50
58
μA
Reference Bias Current at +25°C
102
120
138
μA
Reference Bias Current at +85°C
156
184
212
μA
Ambient Temperature
TA
-40
-
85
°C
RF Pin Load Impedance
ZRF
-
50
-
Ω
2.4 Electrical Specifications
Specifications apply when operated at TAMB = 25°C.
2.4.1. DC Electrical Specifications
Parameter
Symbol
Conditions
Minimum
Typical
Maximum
Unit
Supply Current, Per Channel
IDD
VDD = 0.95V, IREF = 120μA
-
13
-
mA
Supply Current, Idle-state [1]
IDD_IDLE IIREF = 0μA
-
1
-
μA
1.
IREF pin may be grounded or floating to achieve idle-state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com