Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1950Z Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # F1950Z
Description  7-Bit 0.25dB Digital step Attenuator 150MHz to 5000MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1950Z Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button F1950Z Datasheet HTML 7Page - Renesas Technology Corp F1950Z Datasheet HTML 8Page - Renesas Technology Corp F1950Z Datasheet HTML 9Page - Renesas Technology Corp F1950Z Datasheet HTML 10Page - Renesas Technology Corp F1950Z Datasheet HTML 11Page - Renesas Technology Corp F1950Z Datasheet HTML 12Page - Renesas Technology Corp F1950Z Datasheet HTML 13Page - Renesas Technology Corp F1950Z Datasheet HTML 14Page - Renesas Technology Corp F1950Z Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Glitch-Free Digital Step Attenuator
11
Jul 12, 2021
PIN DIAGRAM (F1950)
GND
VMODE
GND
*RF2
CLK
GND
*RF1
GND
LE
VDD
D0
Exposed Pad
2
1
3
5
4
6
Package Drawing
4 mm x 4 mm package dimension
2.60 mm x 2.60 mm exposed pad
0.5 mm pitch
24 pins
0.75 mm height
0.25 mm pad width
0.40 mm pad length
14
13
15
17
16
18
8
7
9
11
10
12
20
19
21
23
22
24
DATA
* Device is RF Bi-Directional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com