Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP102 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP102
Description  PHOTO-IC Intelligent Power Module Signal Isolation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP102 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP102 Datasheet HTML 1Page - Toshiba Semiconductor TLP102 Datasheet HTML 2Page - Toshiba Semiconductor TLP102 Datasheet HTML 3Page - Toshiba Semiconductor TLP102 Datasheet HTML 4Page - Toshiba Semiconductor TLP102 Datasheet HTML 5Page - Toshiba Semiconductor TLP102 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP102
2005-04-22
2
Recommended Operating Conditions
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
Input Current, ON
IF (ON)
5
-
10
mA
Input Voltage, OFF
VF (OFF)
0
-
0.8
V
Supply Voltage
VCC
4.5
-
20
V
Operating Temperature
Topr
-40
-
85
°C
Maximum Ratings (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Forward Current
IF
20
mA
Peak Transient Forward Current (Note 1)
IFPT
1
A
Reverse Voltage
VR
5
V
Output Current 1 (Ta ≤ 25
°C)
IO1
15/-15
mA
Output Current 2 (Ta = 85
°C)
IO2
4.5/-4.5
mA
Peak Output Current
IOP
20/-20
mA
Output Voltage
VO
-0.5~20
V
Supply Voltage
VCC
-0.5~20
V
Operating Temperature Range
Topr
-40~85
°C
Storage Temperature Range
Tstg
-55~125
°C
Lead Solder Temperature (10 s)
Tsol
260
°C
Isolation Voltage
(AC,1 min., R.H. ≤ 60%, Ta = 25
°C) (Note 2)
BVs
3750
Vrms
Note 1: Pulse width PW ≤ 10 μs, 500 pps.
Note 2: Product considered a two-terminal device: pins 1 and 3 shorted together and
pins 4, 5 and 6 shorted together.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com