Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC2510CPWR Datasheet(PDF) 8 Page - Texas Instruments

Part # CDC2510CPWR
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC2510CPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDC2510CPWR Datasheet HTML 4Page - Texas Instruments CDC2510CPWR Datasheet HTML 5Page - Texas Instruments CDC2510CPWR Datasheet HTML 6Page - Texas Instruments CDC2510CPWR Datasheet HTML 7Page - Texas Instruments CDC2510CPWR Datasheet HTML 8Page - Texas Instruments CDC2510CPWR Datasheet HTML 9Page - Texas Instruments CDC2510CPWR Datasheet HTML 10Page - Texas Instruments CDC2510CPWR Datasheet HTML 11Page - Texas Instruments CDC2510CPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CDC2510C
3.3V PHASELOCK LOOP CLOCK DRIVER
SCAS621A − DECEMBER 1998 − REVISED DECEMBER 2004
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
PHASE ERROR
vs
CLOCK FREQUENCY
20
40
60
80
100
120
140
160
fc − Clock Frequency − MHz
−100
−150
−250
−300
−350
−400
−200
−50
0
−450
−500
VCC = 3.3 V
C(LY) = 30 pF
C(LF) = 0
TA = 25°C
See Note A
Figure 6
PHASE ERROR
vs
SUPPLY VOLTAGE
−100
−150
−250
−300
−350
−400
−200
3.1
3.2
3.3
3.4
3.5
−50
0
−450
−500
fc = 100 MHz
C(LY) = 30 pF
C(LF) = 0
TA = 25°C
See Note A
VCC − Supply Voltage − V
Figure 7
−300
−400
−500
−700
35
45
55
65
75
85
95
105
115
125
−600
−200
VCC = 3.3 V
C(LY) = C(LF) = 30 pF
TA = 25°C
See Notes B to D
fc − Clock Frequency − MHz
CDC2510C
STATIC PHASE ERROR
vs
CLOCK FREQUENCY
Figure 8
−300
−400
−500
−700
35
45
55
65
75
85
95
105
115
125
−600
−200
VCC = 3.3 V
C(LY) = C(LF) = 30 pF
See Notes B to D
fc − Clock Frequency − MHz
CDC2510A
STATIC PHASE ERROR
vs
CLOCK FREQUENCY
NOTES: A. Trace feedback length FBOUT to FBIN = 5 mm, ZO = 50 Ω
B. Phase error measured from CLK to FBIN
C. CLY = Lumped capacitive load at Y
D. CLF = Lumped feedback capacitance at FBIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com